Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2002DIE2 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STE2002DIE2
Description  81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002DIE2 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STE2002DIE2 Datasheet HTML 33Page - STMicroelectronics STE2002DIE2 Datasheet HTML 34Page - STMicroelectronics STE2002DIE2 Datasheet HTML 35Page - STMicroelectronics STE2002DIE2 Datasheet HTML 36Page - STMicroelectronics STE2002DIE2 Datasheet HTML 37Page - STMicroelectronics STE2002DIE2 Datasheet HTML 38Page - STMicroelectronics STE2002DIE2 Datasheet HTML 39Page - STMicroelectronics STE2002DIE2 Datasheet HTML 40Page - STMicroelectronics STE2002DIE2 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
37/51
STE2002
Figure 47. DATA RAM to display Mapping
Table 15. Test Pin Configuration
Test Numb.
Pin Configuration
TEST_1
TEST_2
TEST_3
TEST_4
OPEN
TEST_5
TEST_6
TEST_7
TEST_8
TEST_9
TEST_10
GND
TEST_11
TEST_12
TEST_13
TEST_14
GND
GLASS
TOP VIEW
DISPLAY DATA RAM
ICOR ROW
LCD
DISPLAY DATA RAM = "0"
DISPLAY DATA RAM = "1"
bank
0
bank
1
bank
2
bank
3
bank
7
bank
8
D00IN1155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com