Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2002DIE2 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STE2002DIE2
Description  81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002DIE2 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STE2002DIE2 Datasheet HTML 43Page - STMicroelectronics STE2002DIE2 Datasheet HTML 44Page - STMicroelectronics STE2002DIE2 Datasheet HTML 45Page - STMicroelectronics STE2002DIE2 Datasheet HTML 46Page - STMicroelectronics STE2002DIE2 Datasheet HTML 47Page - STMicroelectronics STE2002DIE2 Datasheet HTML 48Page - STMicroelectronics STE2002DIE2 Datasheet HTML 49Page - STMicroelectronics STE2002DIE2 Datasheet HTML 50Page - STMicroelectronics STE2002DIE2 Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
49/51
STE2002
Figure 53. Alignment marks coordinates
Figure 54. Alignment marks dimensions
Table 17. Bumps
Table 18. Die Mechanical Dimensions
R11
311
-3571.5
-275.0
R10
312
-3571.5
-325.0
R9
313
-3571.5
-375.0
R8
314
-3571.5
-425.0
R7
315
-3571.5
-475.0
R6
316
-3571.5
-525.0
R5
317
-3571.5
-575.0
R4
318
-3571.5
-625.0
R3
319
-3571.5
-675.0
R2
320
-3571.5
-725.0
R1
321
-3571.5
-775.0
R0
322
-3571.5
-825.0
ICON
323
-3571.5
-875.0
X
Y
MARKS
-3574.5
-949.5
mark1
+3574.5
-949.5
mark2
-2250
+949.5
mark3
+1200
+949.5
mark4
Table 16. Pad Coordinates (continued)
NAME
PAD
X (
µm)
Y(
µm)
Bump
Number
Dimensions
Bumps on Single
Row Size
1-187
212-235
256-260
283-323
30
µm X 98 µm X 17.5
Bumps on Two
Rows Size
188-211
236-255
261-282
30
µm X 87 µm X 17.5
Pad Size
1-323
43
µm X 107µm
Pad Pitch
1-323
50
µm
Spacing
between Bumps
1-323
20
µm
Die Size
2.07mm x 7.32mm
Wafers Thickness
500
µm
94
µm
39
µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com