Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9524C Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9524C
Description  Glow plug system control IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9524C Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9524C Datasheet HTML 4Page - STMicroelectronics L9524C Datasheet HTML 5Page - STMicroelectronics L9524C Datasheet HTML 6Page - STMicroelectronics L9524C Datasheet HTML 7Page - STMicroelectronics L9524C Datasheet HTML 8Page - STMicroelectronics L9524C Datasheet HTML 9Page - STMicroelectronics L9524C Datasheet HTML 10Page - STMicroelectronics L9524C Datasheet HTML 11Page - STMicroelectronics L9524C Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Electrical specifications
L9524C
8/27
3.3
Electrical characteristics
5V
≤ V
VS;VBAT ≤ 18V, -40°C ≤ TJ ≤ 125°C, unless otherwise specified. The voltages are
referred to GND and currents are assumed positive, when current flows into the pin.
Table 5.
Electrical characteristics
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Supply (VS)
1.1
IVS
Supply current
15
20
mA
VS = 12V
1
10
mA
1.2
VVS uv
Undervoltage threshold
4
5
V
1.3
VVS uvh
Undervoltage threshold
hysteresis (1)
100
400
mV
1.4
VVS ol
Open-load detection
threshold
5.5
7.2
V
1.5
VVS ov
Overvoltage threshold
18
22
V
1.6
VVS ovh
Overvoltage threshold
hysteresis (1)
0.4
1.6
V
1.7
VVS ld
Load dump threshold
28
35
V
1.8
tVS fil
Filter time (2)
12
ms
1.9
tVS ld
Load dump delay time (1)
10
μs
Supply (BAT)
2.1
IBAT leak
Leakage current
VVS ≤ 3V
0V
≤ V
BAT ≤ 12V
05
μA
2.2
RBAT
Internal pull-down
resistance
-40°C
25
43
150
k
Ω
30°C
25
65
150
125°C
25
106
150
2.3
VBAT uv
Battery undervoltage
threshold
VMS > VMS tr (transistor mode)
1
2
V
2.4
tBAT fil
Filter time (2)
300
760
μs
Charge pump (CP)
3.1
VCP
Charge pump voltage
ICP = -100μA
VVS
+5V
VVS
+18V
3.2
ICP
Charging current
VCP = VVS + 5V
-1500
-100
μA
3.3
VCP uv
Charge pump
undervoltage threshold
VVS
+3.5V
VVS
+5V
3.4
fCP
Charge pump frequency
(1)
0.6
7
MHz
3.5
tCP fil
Filter time (2)
400
950
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com