Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9524C Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9524C
Description  Glow plug system control IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9524C Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9524C Datasheet HTML 10Page - STMicroelectronics L9524C Datasheet HTML 11Page - STMicroelectronics L9524C Datasheet HTML 12Page - STMicroelectronics L9524C Datasheet HTML 13Page - STMicroelectronics L9524C Datasheet HTML 14Page - STMicroelectronics L9524C Datasheet HTML 15Page - STMicroelectronics L9524C Datasheet HTML 16Page - STMicroelectronics L9524C Datasheet HTML 17Page - STMicroelectronics L9524C Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Functional description
L9524C
14/27
4.3
Control input
The control input (CI) pin is resistively pulled up RCI to the supply voltage VVS such that
VCI=VCI off and the glow plugs are switched off by default. The L9524C is controlled by
transitions of VCI from VCI off to VCI on (falling edge) and vice versa (rising edge). Voltage
level changes of VCI which last shorter than tCI fil are ignored.
In transistor mode (modes 3 to 6) the L9524C expects a PWM signal at the CI pin. Each
falling edge starts measuring its on time tCI on (time until next rising edge, i.e. length of this
low pulse) and its period TCI (time until next falling edge). The end of a pulse group is
detected if no falling edge occurs for a time greater than tCI to and the glow plugs are
switched off. Therefore, it is not possible to switch on the glow plugs permanently with one
exception: if the low voltage level of the first falling edge is greater than VCI to the glow plugs
remain switched on as long as this low pulse lasts.
Figure 4.
Control input signal in transistor mode (modes 3 to 6)
Figure 5.
Permanent switch on of glow plugs at first falling edge in transistor mode
(modes 3 to 6)
V
CI
t
V
CI off
V
CI on
0.6 . V
VS
0.4 . V
VS
t
glow plug
1
ON
OFF
t
CI to
t
CI to
T
CI
t
CI on
t
CI to
t
CI fil
t
CI fil
t
CI fil +t del
t
CI fil +t del
ignored
(shorter than t
CI fil )
VCI
t
VCI off
VCI on
0.6
. V
VS
0.4
. V
VS
t
glow plug
1
ON
OFF
tCI to
tCI to
VCI to
tCI to
tCI to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com