Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9524C Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9524C
Description  Glow plug system control IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9524C Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9524C Datasheet HTML 14Page - STMicroelectronics L9524C Datasheet HTML 15Page - STMicroelectronics L9524C Datasheet HTML 16Page - STMicroelectronics L9524C Datasheet HTML 17Page - STMicroelectronics L9524C Datasheet HTML 18Page - STMicroelectronics L9524C Datasheet HTML 19Page - STMicroelectronics L9524C Datasheet HTML 20Page - STMicroelectronics L9524C Datasheet HTML 21Page - STMicroelectronics L9524C Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Functional description
L9524C
18/27
In relay mode (modes 1 and 2) the positive sense input pins are short-circuited since the
relay is the only switch. In transistor mode (modes 3 to 6) glow plug 5 is switched with
transistor 2 and glow plug 6 with transistor 4. Therefore only 4 positive sense input pins are
necessary.
If the voltage drop across the sense resistor is less than
ΔV
OL for at least tOL fil an open-load
failure is detected as long as VVS > VVS ol. If it is greater than ΔVOC (see below for definition)
for at least tOC fil an overcurrent failure is detected and the corresponding switch is switched
off and remains switched off until power-down. The threshold for overcurrent failures
ΔV
OC
can be varied by the voltage applied to the OCT pin (see section “Overcurrent threshold
variation”).
In modes 1 to 4 the overcurrent threshold is constant with respect to the temperature
(TCOC = 0). But in modes 5 and 6 the overcurrent threshold increases linearly with the
temperature
ϑ to compensate the first-order temperature coefficient of the R
DS(on) of the
external power MOSFET’s which are used as sense resistors in these modes:
Equation 1
ΔV
OC = ΔVOC 0 (1 + TCOC (ϑ + 40°C)).
4.6
Switch monitoring
The L9524C monitors the voltages across the glow plugs (using the negative sense input
pins SN1, SN2, SN3, and SN4) to detect if the corresponding switches work properly or not.
A switch is detected as defect if it is switched on but the voltage across the corresponding
glow plug(s) is less than VSD for at least tSD fil or if it is switched off but the voltage across
the glow plug(s) is greater than VSD for at least tSD fil.
4.7
Thermal shutdown
If the junction temperature becomes greater than TJSD all glow plugs are switched off. They
are switched on again if the junction temperature falls below TJSD.
4.8
Gate drivers
The L9524C contains four gate drivers (Gx pins) for external n-channel power MOSFET’s in
high-side configuration. Each gate driver provides a slope control by charging and
discharging the gates of the external power MOSFET’s with constant currents (IG on or IG
off). To adjust the slopes these currents can be varied using the CUR pin (see section “Gate
charge/discharge current variation”). The charging current source is supplied by an external
capacitor connected to the charge pump output (CP) pin. The gate-to-source voltages are
limited internally and without supply voltage (VVS) the gates and the sources of the external
power MOSFET’s are short-circuited.
During free-wheeling of inductive loads the gates of the external power MOSFET’s are
clamped to VG cl. As a result, the power MOSFET’s become conducting and the energy in
the inductive loads is recirculated through the power MOSFET’s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com