Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9524C Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9524C
Description  Glow plug system control IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9524C Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9524C Datasheet HTML 8Page - STMicroelectronics L9524C Datasheet HTML 9Page - STMicroelectronics L9524C Datasheet HTML 10Page - STMicroelectronics L9524C Datasheet HTML 11Page - STMicroelectronics L9524C Datasheet HTML 12Page - STMicroelectronics L9524C Datasheet HTML 13Page - STMicroelectronics L9524C Datasheet HTML 14Page - STMicroelectronics L9524C Datasheet HTML 15Page - STMicroelectronics L9524C Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Functional description
L9524C
12/27
4
Functional description
4.1
Operating modes
The L9524C can operate in a total of 6 modes. The selection is done by short-circuiting the
appropriate pins and voltages as shown in the following table:
Modes 1 and 2 are for relay usage (referred to as “relay mode”) and modes 3 to 6 for
transistors usage (referred to as “transistor mode”).
In relay mode the protocol of the diagnostic interface (DO pin) can be selected from go/no-
go protocol and serial protocol (see section “Diagnostic output” for protocol description).
In transistor mode the protocol of the diagnostic interface is the serial protocol. It can be
distinguished between using shunts for monitoring the current through the glow plugs
(referred to as “shunt sense”) or using the RDS(on) of the power MOSFET’s themselves
(referred to as “transistor sense”). In shunt sense mode the resistance of the shunt is
assumed to be constant with respect to the temperature while in transistor sense mode the
RDS(on) of the power MOSFET’s is assumed to vary with respect to the temperature and
therefore overcurrent monitoring is adjusted appropriately.
In transistor mode there are two possibilities to control the output timing. In modes 3 and 5
the timing of the PWM control input signal determines the timing of the PWM signals applied
to the external power MOSFET’s (“no power regulation”). In modes 4 and 6 the timing of the
PWM control input signal determines the power through the glow plugs (“power regulation”)
and the timing of the PWM signals applied to the external power MOSFET’s is adjusted
depending on the battery voltage (see section “Power regulation”).
Table 6.
Mode
Mode
Description
MS pin
BAT pin
IO pin
CI pin
1
relay mode, go/no-go diagnostic interface protocol
ground
ground
output
statical signal
2
relay mode, serial diagnostic interface protocol
ground
battery
output
PWM signal
3
transistor mode, shunt sense, no power regulation
CUR pin
battery
CUR
pin
PWM signal
4
transistor mode, shunt sense, power regulation
CUR pin
battery
ground
PWM signal
5
transistor mode, transistor sense, no power regulation
open
battery
CUR
pin
PWM signal
6
transistor mode, transistor sense, power regulation
open
battery
ground
PWM signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com