Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9524C Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9524C
Description  Glow plug system control IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9524C Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9524C Datasheet HTML 17Page - STMicroelectronics L9524C Datasheet HTML 18Page - STMicroelectronics L9524C Datasheet HTML 19Page - STMicroelectronics L9524C Datasheet HTML 20Page - STMicroelectronics L9524C Datasheet HTML 21Page - STMicroelectronics L9524C Datasheet HTML 22Page - STMicroelectronics L9524C Datasheet HTML 23Page - STMicroelectronics L9524C Datasheet HTML 24Page - STMicroelectronics L9524C Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
L9524C
Functional description
21/27
4.14
Power regulation
The power through each glow plug (here expressed by VRMS which is the root-mean-square
voltage across one glow plug) depends on the battery voltage VBAT and the duty cycle tG
on/TG of the PWM signal applied to the external power MOSFET’s:
Equation 2
In order to regulate the power through the glow plugs the L9524C measures VBAT and
adjusts tG on/TG of the gate drivers (G1...4) such that VRMS = VRMS ref, where VRMS ref
represents the desired power through each glow plug.
The desired power VRMS ref is given by the input duty cycle tCI on/TCI which represents the
desired output duty cycle at a nominal battery voltage of 12V:
Equation 3
As a result, the actual output duty cycle of the gate drivers is given by:
Equation 4
Note:
The L9524C varies both the on time tG on and the period TG of the PWM output signal to
vary the duty cycle tG on/TG.
The accuracy of the power regulation is given by
ΔV
RMS = VRMS - VRMS ref.
The output jitter (electrical characteristics Item 8.8) is not taken in considuration while the
average is zero over some periodes.
V
RMS
V
BAT
t
G on
T
G
------------
⋅
=
V
RMS ref
12V
t
CI on
t
CI
--------------
⋅
=
t
G on
T
G
------------
12V
V
BAT
--------------
⎝⎠
⎛⎞ 2 tCI on
T
CI
--------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com