Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9524C Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9524C
Description  Glow plug system control IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9524C Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9524C Datasheet HTML 5Page - STMicroelectronics L9524C Datasheet HTML 6Page - STMicroelectronics L9524C Datasheet HTML 7Page - STMicroelectronics L9524C Datasheet HTML 8Page - STMicroelectronics L9524C Datasheet HTML 9Page - STMicroelectronics L9524C Datasheet HTML 10Page - STMicroelectronics L9524C Datasheet HTML 11Page - STMicroelectronics L9524C Datasheet HTML 12Page - STMicroelectronics L9524C Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
L9524C
Electrical specifications
9/27
Control input (CI)
4.1
VCI off
Input “off” level
0.6 ·
VVS
4.2
VCI on
Input “on” level
0.4 ·
VVS
4.3
VCI h
Off-to-on hysteresis (1)
0.03 ·
VVS
0.04 ·
VVS
0.05 ·
VVS
4.4
VCI to
Input “timeout” threshold
1
1.6
V
4.5
RCI
Internal pull-up
resistance
VCI ≤ VVS; -40°C
20
35
120
k
Ω
VCI ≤ VVS; 30°C
20
53
120
VCI ≤ VVS; 125°C
20
87
120
4.6
tCI fil
Filter time (2)
0.5
1
ms
4.7
tCI to
PWM time-out (2)
50
100
ms
Diagnostic output (DO)
5.1
VDOL
Output low voltage
VVS ≥ 4.5V; IDO ≤ 5mA
0.3
1.5
V
5.2
RDO
Internal pull-up
resistance
VDO ≤ VVS; -40°C
20
30
120
k
Ω
VDO ≤ VVS; 30°C
20
45
120
VDO ≤ VVS; 125°C
20
74
120
5.3
IDO max
Current limitation
5
20
mA
Monitoring of currents through glow plugs (SP1-SN1, SP2-SN2, SP3-SN3, SP4-SN4, SP2-SN5, SP4-SN6)
6.1
ΔV
OL
Open-load threshold
6V
≤ V
SPX;VSNX ≤ VVS + 3V
6.7
14.7
mV
6.2
ΔV
OC 0
Overcurrent threshold
1.5V
≤ V
SPX;VSNX ≤ VVS + 3V
VMS < VMS tc (shunt sense)
OCT pin open
150
185
mV
1.5V
≤ V
SPX;VSNX ≤ VVS + 3V
VMS < VMS tc (shunt sense)
0V
≤ V
OCT ≤ VCUR
VOCT ·
0.385
VOCT ·
0.445
1.5V
≤ V
SPX;VSNX ≤ VVS + 3V
VMS>VMS tc (transistor sense)
ϑ = -40°C; OCT pin open
150
290
mV
1.5V
≤ V
SPX;VSNX ≤ VVS + 3V
VMS>VMS tc (transistor sense)
ϑ = -40°C; 0V ≤ V
OCT ≤ VCUR
VOCT ·
0.345
VOCT ·
0.485
6.3
TCOC
Overcurrent threshold
temperature coefficient
VMS < VMS tc (shunt sense)
1)
0K-1
VMS>VMS tc (transistor sense)
OCT pin open
0.008
0.012
K-1
6.4
tOL fil
Open-load filter time (2)
VMS > VMS tr (transistor mode)
1
2
ms
Table 5.
Electrical characteristics (continued)
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com