Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9524C Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9524C
Description  Glow plug system control IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9524C Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9524C Datasheet HTML 7Page - STMicroelectronics L9524C Datasheet HTML 8Page - STMicroelectronics L9524C Datasheet HTML 9Page - STMicroelectronics L9524C Datasheet HTML 10Page - STMicroelectronics L9524C Datasheet HTML 11Page - STMicroelectronics L9524C Datasheet HTML 12Page - STMicroelectronics L9524C Datasheet HTML 13Page - STMicroelectronics L9524C Datasheet HTML 14Page - STMicroelectronics L9524C Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
L9524C
Electrical specifications
11/27
11.2
RSN1-6
Pull down resistor
6V
≤ V
SNX = VSPX ≤ 20V
-40°C
40
100
270
k
Ω
35°C
40
150
270
125°C
40
220
270
Overcurrent threshold setting (OCT)
12.1
IOCT
Input pull-up current
VVS ≥ 6V
VOCT = 3.5V
-40
-10
μA
Power MOSFET gate charge/discharge current setting (CUR)
13.1
VCUR
Output voltage
ICUR ≥ -150μA
2.35
2.5
2.65
V
13.2
ICUR max
Current limitation
VCUR ≤ 2V
-500
-250
μA
Input pin for mode selection (MS)
14.1
IMS
Pull-up current
VMS = 3V
-60
-15
μA
14.2
VMS tr
Transistor mode
threshold
12
V
14.3
VMS tc
Temperature
compensation threshold
VVS ≥ 6V
3
4
V
Output timing
15.1
tdel
Delay time (2)
2.5
5
ms
15.2
tgap
Gap between channels
(2)
50
250
μs
15.3
tsup
Failure suppress time (2)
400
950
μs
Power regulation
16.1
ΔV
RMS
Accuracy
8V
≤ V
BAT ≤ 16V
30ms
≤ T
CI ≤ 33ms
tCI on/TCI ≥ 20%
< 70°C
-1.5
1.5%
% ·
VRMSref
> 70°C
-2
2
1.
not tested, guaranteed by design
2.
time constants created digitally, verified by scan path test
Table 5.
Electrical characteristics (continued)
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com