Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9524C Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9524C
Description  Glow plug system control IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9524C Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9524C Datasheet HTML 16Page - STMicroelectronics L9524C Datasheet HTML 17Page - STMicroelectronics L9524C Datasheet HTML 18Page - STMicroelectronics L9524C Datasheet HTML 19Page - STMicroelectronics L9524C Datasheet HTML 20Page - STMicroelectronics L9524C Datasheet HTML 21Page - STMicroelectronics L9524C Datasheet HTML 22Page - STMicroelectronics L9524C Datasheet HTML 23Page - STMicroelectronics L9524C Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Functional description
L9524C
20/27
4.12
Advanced run-off control
In transistor mode (modes 3 to 6) the glow plugs are switched by an advanced run-off
control. The target is to minimize changes in the load current. Therefore, the PWM signals
applied to the glow plugs are phase-shifted to each other. There is a 5-step start-up
procedure at the beginning of a switching sequence. In step 1 the phase shift between the
glow plugs is set to a fixed value tdel. Therefore, all glow plugs are switched on once in the
first period of the PWM control input signal (CI) and are heated up quite simultaneously.
During the start-up procedure the phase shift becomes a value equal to the on time of one
glow plug. As a result, after the start-up procedure the glow plugs are switched on one after
the other to get minimal changes in the load current.
Figure 8.
Timing diagram of advanced run-off control
4.13
Output timing
In transistor mode (modes 3 to 6) there is a delay tgap between switching off one glow plug
and switching on the next one to avoid overlaps. Additionally, failures occurring during the
slope (i.e. in the time period tsup after switching) are suppressed in all modes.
Figure 9.
Output timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com