Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST8024
Description  Smartcard interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST8024 Datasheet HTML 3Page - STMicroelectronics ST8024 Datasheet HTML 4Page - STMicroelectronics ST8024 Datasheet HTML 5Page - STMicroelectronics ST8024 Datasheet HTML 6Page - STMicroelectronics ST8024 Datasheet HTML 7Page - STMicroelectronics ST8024 Datasheet HTML 8Page - STMicroelectronics ST8024 Datasheet HTML 9Page - STMicroelectronics ST8024 Datasheet HTML 10Page - STMicroelectronics ST8024 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
ST8024
Pin configuration
7/31
19
CMDVCC
Start activation sequence input (active low)
20
RSTIN
Card reset input from MCU
21
VDD
Supply voltage
22
GND
Ground
23
OFF
Interrupt to MCU (active low)
24
XTAL1
Crystal or external clock input
25
XTAL2
Crystal connection (leave this pin open if external clock is used)
26
I/OUC
MCU data I/O line (internal 11 k
Ω pull-up resistor connected to VDD)
27
AUX1UC
Non-inverting receiver input (internal 11 k
Ω pull-up resistor connected to VDD)
28
AUX2UC
Non-inverting receiver input (internal 11 k
Ω pull-up resistor connected to VDD)
Table 2.
Pin description (continued)
Pin n°
Symbol
Name and function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com