Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST8024
Description  Smartcard interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST8024 Datasheet HTML 10Page - STMicroelectronics ST8024 Datasheet HTML 11Page - STMicroelectronics ST8024 Datasheet HTML 12Page - STMicroelectronics ST8024 Datasheet HTML 13Page - STMicroelectronics ST8024 Datasheet HTML 14Page - STMicroelectronics ST8024 Datasheet HTML 15Page - STMicroelectronics ST8024 Datasheet HTML 16Page - STMicroelectronics ST8024 Datasheet HTML 17Page - STMicroelectronics ST8024 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Electrical characteristics
ST8024
14/31
Note:
1
All parameters remain within limits but are tested only statistically for the temperature
range. When a parameter is specified as a function of VDD or VCC it means their actual value
at the moment of measurement.
2
To meet these specifications, pin VCC should be decoupled to CGND using two ceramic
multilayer capacitors of low ESR both with values of 100 nF and 100 nF (see Figure 10).
3
Permitted capacitor values are 100 + 100 nF, or 220 nF.
4
Transition time and duty factor definitions are shown in Figure 3;
δ = t1/(t1+ t2).
5
Pin CMDVCC is active LOW; pin RSTIN is active HIGH; for CLKDIV1 and CLKDIV2
functions see Table 20
6
Pin PRES is active LOW; pin PRES is active HIGH see Figure 8 and Figure 9; PRES has an
integrated 1.25 µA current source to GND. (PRES to VDD); the card is considered present if
at least one of the inputs PRES or PRES is active.
Table 18.
Interrupt output (pin OFF NMOS drain with integrated 20 k
Ω pull-up resistor to VDD);
(VDD = 3.3 V, VDDP = 5 V, fXTAL = 10 MHz, unless otherwise noted. Typical values are to TA =
25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VOL
Low level output voltage
IOL = 2 mA
0
0.3
V
VOH
High level output voltage
IOH = -15 µA
0.75 VDD
V
RPU
Integrated pull-up resistor
20k
Ω Pull-up resistor to VDD
16
20
24
k
Ω
Table 19.
Protection and limitation (VDD = 3.3 V, VDDP = 5 V, fXTAL = 10 MHz, unless otherwise
noted. Typical values are to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
|ICC(SD)|
Shutdown and limitation current pin
VCC
90
120
mA
II/O(lim)
limitation current pins I/O, AUX1
and AUX2
-15
15
mA
ICLK(lim) limitation current pin CLK
-70
70
mA
IRST(lim) limitation current pin RST
-20
20
mA
TSD
Shut down temperature
150
°C
Table 20.
Timing (VDD = 3.3 V, VDDP = 5 V, fXTAL = 10 MHz, unless otherwise noted. Typical values
are to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tACT
Activation time
(See Figure 5)
180
220
µs
tDE
Deactivation time
(See Figure 7)
60
80
100
µs
t3
Start of the windows for sending
CLK to card
(See Figure 6)
130
µs
t5
End of the windows for sending
CLK to card
(See Figure 6)
140
µs
tdebounce
Debounce time pins PRES and
PRES
(See Figure 8)
140
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com