Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST8024
Description  Smartcard interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST8024 Datasheet HTML 13Page - STMicroelectronics ST8024 Datasheet HTML 14Page - STMicroelectronics ST8024 Datasheet HTML 15Page - STMicroelectronics ST8024 Datasheet HTML 16Page - STMicroelectronics ST8024 Datasheet HTML 17Page - STMicroelectronics ST8024 Datasheet HTML 18Page - STMicroelectronics ST8024 Datasheet HTML 19Page - STMicroelectronics ST8024 Datasheet HTML 20Page - STMicroelectronics ST8024 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
ST8024
Functional description
17/31
Figure 4.
Voltage supervisor
5.2.2
With an external divider on pin PORADJ
If an external resistor bridge is connected to pin PORADJ (R1 and R2 in Figure 1), then the
following occurs:
– The internal threshold voltage Vth2 is overridden by the external voltage and by the
hysteresis, therefore:
Vth2(ext)(rise) = (1 + R1/R2) x (Vbridge + Vhys(ext)/2)
Vth2(ext)(fall) = (1 + R1/R2) x (Vbridge - Vhys(ext)/2)
where Vbridge = 1.25 V typ. and Vhys(ext) = 60 mV typ.
– The reset pulse width tW is doubled to approximately 16 ms.
Input PORADJ is biased internally with a pull-down current source of 4 µA which is removed
when the voltage on pin PORADJ exceeds 1 V.
This ensures that after detection of the external bridge by the IC during power-on, the input
current on pin PORADJ does not cause inaccuracy of the bridge voltage.
The minimum threshold voltage should be higher than 2 V. The maximum threshold voltage
may be up to VDD.
5.2.3
Application examples
The voltage supervisor is used as power-on reset and as supply dropout detection during a
card session. Supply dropout detection is to ensure that a proper deactivation sequence is
followed before the voltage is too low. For the internal voltage supervisor to function, the
system microcontroller should operate down to 2.35 V to ensure a proper deactivation
sequence. If this is not possible, external resistor values can be chosen to overcome the
problem.
5.3
Clock circuitry
The card clock signal (CLK) is derived from a clock signal input to pin XTAL1 or from a
crystal operating at up to 26 MHz connected between pins XTAL1 and XTAL2.
The clock frequency can be fXTAL, 1/2 x fXTAL, 1/4 x fXTAL or 1/8 x fXTAL. Frequency selection
is made via inputs CLKDIV1 and CLKDIV2 (see Table 21).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com