Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST8024
Description  Smartcard interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST8024 Datasheet HTML 7Page - STMicroelectronics ST8024 Datasheet HTML 8Page - STMicroelectronics ST8024 Datasheet HTML 9Page - STMicroelectronics ST8024 Datasheet HTML 10Page - STMicroelectronics ST8024 Datasheet HTML 11Page - STMicroelectronics ST8024 Datasheet HTML 12Page - STMicroelectronics ST8024 Datasheet HTML 13Page - STMicroelectronics ST8024 Datasheet HTML 14Page - STMicroelectronics ST8024 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
ST8024
Electrical characteristics
11/31
Table 9.
Crystal connection (pins XTAL1 and XTAL2) (VDD = 3.3 V, VDDP = 5 V, fXTAL = 10 MHz,
unless otherwise noted. Typical values are to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
CXTAL1,2
External capacitance on pins XTAIL1,
XTAIL2
Depends on type of
crystal or resonator used
15
pF
fXTAL
Crystal frequency
2
26
MHz
fXTAL1
Frequency applied on pin XTAL1
0
26
MHz
VIH
High level input voltage on pin XTAIL1
0.7 VDD
VDD+0.3
V
VIL
Low level input voltage on pin XTAIL1
-0.3
+0.3VDD
V
Table 10.
Data lines (pins I/O, I/OUC, AUX1, AUX2, AUX1UC AND AUX2UC) (VDD = 3.3 V, VDDP =
5 V, fXTAL = 10 MHz, unless otherwise noted. Typical values are to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tD(I/O-I/OUC),
tD(I/OUC-I/O)
I/O to I/OUC, I/OUC to I/O falling edge
delay
200
ns
tpu
Active pull-up pulse width
100
ns
fI/O(MAX)
Maximum frequency on data lines
1
MHz
CI
Input capacitance on data lines
10
pF
Table 11.
Data lines to card reader (pins I/O, AUX1 AND AUX2 with integrated 11 k
Ω pull-up
resistor to VCC (VDD = 3.3 V, VDDP = 5 V, fXTAL = 10 MHz, unless otherwise noted. Typical
values are to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO(inactive) Output voltage
Inactive mode
NO LOAD
0
0.1
V
IO(inactive)=1mA
0.3
IO(inactive) Output current
Inactive mode; pin grounded
-1
mA
VOH
High level output voltage
No DC Load
0.9 VCC
VCC+0.1
V
5 and 3 V cards; IOH < - 40µA
0.75 VCC
VCC+0.1
|IOH| ≥ 10mA
0
0.4
VOL
Low level output voltage
IOL = 1 mA
0
0.2
V
IOL ≥ 15 mA
VCC-0.4
VCC
VIH
High level input voltage
1.5
VCC+0.3
V
VIL
Low level input voltage
0.3
0.8
V
|ILIH|
High level input leakage
current
VIH = VCC
10
µA
|IIL|
Low level input current
VIL = 0 V
600
µA
RPU
Integrated pull-up resistor
Pull-up resistor to VCC
911
13
k
Ω
tT(DI)
Data input transition time
VIL max to VIH min.
1.2
µs
tT(DO)
Data output transition time
VO = 0 to VCC; CL ≤ 80 pF; 10%
to 90%
0.1
µs
IPU
Current when pull-up active
VOH = 0.9VCC; CL = 80 pF
-1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com