Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST8024
Description  Smartcard interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST8024 Datasheet HTML 5Page - STMicroelectronics ST8024 Datasheet HTML 6Page - STMicroelectronics ST8024 Datasheet HTML 7Page - STMicroelectronics ST8024 Datasheet HTML 8Page - STMicroelectronics ST8024 Datasheet HTML 9Page - STMicroelectronics ST8024 Datasheet HTML 10Page - STMicroelectronics ST8024 Datasheet HTML 11Page - STMicroelectronics ST8024 Datasheet HTML 12Page - STMicroelectronics ST8024 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
ST8024
Electrical characteristics
9/31
4
Electrical characteristics
Table 6.
Electrical characteristics over recommended operating condition (VDD = 3.3 V, VDDP =
5 V, fXTAL = 10 MHz, unless otherwise noted. Typical values are to TA = 25 °C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Supply voltage
2.7
6.5
V
VDDP
Supply voltage for the
voltage doubler
VCC = 5V; |ICC| < 80 mA
4.0
5
6.5
V
VCC = 5V; |ICC| < 20 mA
3.0
6.5
IDD
Supply current
Card Inactive
1.2
mA
Card Active; fCLK = fXTAL; CL = 30pF
1.5
IDDP
DC/DC converter supply
current
Inactive mode
0.1
mA
Active mode; fCLK = fXTAL; CL = 30pF; |ICC|
= 0
10
VCC = 5V; |ICC| = 80 mA
200
VCC = 3V; |ICC| = 65 mA
100
Vth2
Falling threshold voltage
on VDD
no external resistors at pin PORADJ;
VDD level falling
2.35
2.45
2.55
V
VHYS2
Hysteresis of threshold
voltage Vth2
no external resistors at pin PORADJ
50
100
150
mV
Vth(ext)rise
External rising threshold
voltage on VDD
external resistor bridge at pin PORADJ;
VDD level rising
1.25
1.28
1.31
V
Vth(ext)fall
External falling threshold
voltage on VDD
external resistor bridge at pin PORADJ;
VDD level falling
1.19
1.22
1.25
V
VHYS(ext)
Hysteresis of threshold
voltage Vth(ext)
external resistor bridge at pin PORADJ
30
60
90
mV
ΔVHYS(ext)
Hysteresis of threshold
voltage Vth(ext) variation
with temperature
external resistor bridge at pin PORADJ
0.25
mV/K
tW
Width of internal Power-
On reset pulse
no external resistor at pin PORADJ
4
8
12
ms
external resistor bridge at pin PORADJ
8
16
24
IL
Leakage current on pin
PORADJ
VPORADJ < 0.5 V
-0.1
4
10
µA
VPORADJ > 1.0 V
-1
1
PTOT
Total power dissipation
Continuous operation; Ta = -25 to 85°C
0.56
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com