Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST8024
Description  Smartcard interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST8024 Datasheet HTML 12Page - STMicroelectronics ST8024 Datasheet HTML 13Page - STMicroelectronics ST8024 Datasheet HTML 14Page - STMicroelectronics ST8024 Datasheet HTML 15Page - STMicroelectronics ST8024 Datasheet HTML 16Page - STMicroelectronics ST8024 Datasheet HTML 17Page - STMicroelectronics ST8024 Datasheet HTML 18Page - STMicroelectronics ST8024 Datasheet HTML 19Page - STMicroelectronics ST8024 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Functional description
ST8024
16/31
5
Functional description
Throughout this document it is assumed that the reader is familiar with ISO7816
terminology.
5.1
Power supply
The supply pins for the IC are VDD and GND. VDD should be in the range of 2.7 to 6.5 V. All
signals interfacing with the system controller are referred to VDD, therefore VDD should also
supply the system controller. All card reader contacts remain inactive during power-on or
power-off.
The internal circuits are maintained in the reset state until VDD reaches Vth2 +Vhys2 and for
the duration of the internal power-on reset pulse, tW (see Figure 4). When VDD falls below
Vth2, an automatic deactivation of the contacts is performed.
A DC/DC converter is incorporated to generate the 5 or 3 V card supply voltage (VCC). The
DC/DC converter should be supplied separately by VDDP and PGND. Due to the possibility
of large transient currents, the two 100 nF capacitors of the DC/DC converter should be
located as near as possible to the IC and have an ESR less than 100 m
Ω.
The DC/DC converter functions as a voltage doubler or a voltage follower according to the
respective values of VCC and VDDP (both have thresholds with a hysteresis of 100 mV).
The DC/DC converter function changes as follows:
VCC = 5 V and VDDP > 5.8 V; voltage follower
VCC = 5 V and VDDP < 5.7 V; voltage doubler
VCC = 3 V and VDDP > 4.1 V; voltage follower
VCC = 3 V and VDDP < 4.0 V; voltage doubler.
Supply voltages VDD and VDDP may be applied to the IC in any sequence.
After powering the device, OFF remains LOW until CMDVCC is set HIGH.
During power off, OFF falls LOW when VDD is below the falling threshold voltage.
5.2
Voltage supervisor
5.2.1
Without external divider on pin PORADJ
The voltage supervisor surveys the VDD supply. A defined reset pulse of approximately 8 ms
(tW) is used internally to keep the IC inactive during power-on or power-off of the VDD supply
(see Figure 4).
As long as VDD is less than Vth2 + Vhys2, the IC remains inactive whatever the levels on the
command lines. This state also lasts for the duration of tW after VDD has reached a level
higher than Vth2 + Vhys2. When VDD falls below Vth2, a deactivation sequence of the
contacts is performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com