Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST8024
Description  Smartcard interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST8024 Datasheet HTML 17Page - STMicroelectronics ST8024 Datasheet HTML 18Page - STMicroelectronics ST8024 Datasheet HTML 19Page - STMicroelectronics ST8024 Datasheet HTML 20Page - STMicroelectronics ST8024 Datasheet HTML 21Page - STMicroelectronics ST8024 Datasheet HTML 22Page - STMicroelectronics ST8024 Datasheet HTML 23Page - STMicroelectronics ST8024 Datasheet HTML 24Page - STMicroelectronics ST8024 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
ST8024
Functional description
21/31
5.7
Active mode
When the activation sequence is completed, the ST8024 will be in its active mode. Data are
exchanged between the card and the microcontroller via the I/O lines.
The ST8024 is designed for cards without VPP (the voltage required to program or erase the
internal non-volatile memory).
5.8
Deactivation sequence
When a session is completed, the microcontroller sets the CMDVCC line HIGH. The circuit
then executes an automatic deactivation sequence by counting the sequencer back and
finishing in the inactive mode (see Figure 7):
1. RST goes LOW (t10).
2. CLK is held LOW (t12 = t10 + 0.5 x T) where T is 64 times the period of the internal
oscillator (approximately 25 µs).
3. I/O, AUX1 and AUX2 are pulled LOW (t13 = t10 + T).
4. VCC starts to fall towards zero (t14 = t10 + 1.5 x T).
5. The deactivation sequence is complete at tde, when VCC reaches its inactive state.
6. VUP falls to zero (t15 = t10 + 5T) and all card contacts become low-impedance to GND;
I/OUC, AUX1UC and AUX2UC remain at VDD (pulled-up via a 11 kΩ resistor).
7. The internal oscillator returns to its lower frequency.
Figure 7.
Deactivation sequence
5.9
VCC generator
The VCC generator has a capacity to supply up to 80 mA continuously at 5 V and 65 mA at 3
V. An internal overload detector operates at approximately 120 mA. Current samples to the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com