Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024 Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST8024
Description  Smartcard interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST8024 Datasheet HTML 15Page - STMicroelectronics ST8024 Datasheet HTML 16Page - STMicroelectronics ST8024 Datasheet HTML 17Page - STMicroelectronics ST8024 Datasheet HTML 18Page - STMicroelectronics ST8024 Datasheet HTML 19Page - STMicroelectronics ST8024 Datasheet HTML 20Page - STMicroelectronics ST8024 Datasheet HTML 21Page - STMicroelectronics ST8024 Datasheet HTML 22Page - STMicroelectronics ST8024 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
ST8024
Functional description
19/31
5.5
Inactive mode
After a power-on reset, the circuit enters the inactive mode. A minimum number of circuits
are active while waiting for the microcontroller to start a session:
– All card contacts are inactive (approximately 200
Ω to GND)
– Pins I/OUC, AUX1UC and AUX2UC are in the high-impedance state (11 k
Ω pull-up
resistor to VDD)
– Voltage generators are stopped
– XTAL oscillator is running
– Voltage supervisor is active
– The internal oscillator is running at its low frequency.
5.6
Activation sequence
After power-on and after the internal pulse width delay, the system microcontroller can
check the presence of a card using the signals OFF and CMDVCC as shown in Table 22.
If the card is in the reader (this is the case if PRES or PRES is active), the system
microcontroller can start a card session by pulling CMDVCC LOW. The following sequence
then occurs (see Figure 6):
1. CMDVCC is pulled LOW and the internal oscillator changes to its high frequency (t0).
2. The voltage doubler is started (between t0 and t1).
3. VCC rises from 0 to 5 V (or 3 V) with a controlled slope (t2 = t1 + 1.5 x T) where T is
64 times the period of the internal oscillator (approximately 25 µs).
4. I/O, AUX1 and AUX2 are enabled (t3 = t1 + 4T) (these were pulled LOW until this
moment).
5. CLK is applied to the C3 contact of the card reader (t4).
6. RST is enabled (t5 = t1 + 7T).
The clock may be applied to the card using the following sequence (see Figure 5):
1. Set RSTIN HIGH.
2. Set CMDVCC LOW.
3. Reset RSTIN LOW between t3 and t5; CLK will start at this moment.
4. RST remains LOW until t5, when RST is enabled to be the copy of RSTIN.
5. After t5, RSTIN has no further affect on CLK; this allows a precise count of CLK
pulses before toggling RST.
If the applied clock is not needed, then CMDVCC may be set LOW with RSTIN LOW. In this
case, CLK will start at t3 (minimum 200 ns after the transition on I/O), and after t5, RSTIN
may be set HIGH in order to obtain an Answer To Request (ATR) from the card.
Activation should not be performed with RSTIN held permanently HIGH
Table 22.
Card presence indicator
OFF
CMDVCC
Indication
H
H
Card present
L
H
Card not present



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com