Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC60134S Datasheet(PDF) 9 Page - STMicroelectronics

Part # STLC60134S
Description  TOSCA INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC60134S Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STLC60134S Datasheet HTML 5Page - STMicroelectronics STLC60134S Datasheet HTML 6Page - STMicroelectronics STLC60134S Datasheet HTML 7Page - STMicroelectronics STLC60134S Datasheet HTML 8Page - STMicroelectronics STLC60134S Datasheet HTML 9Page - STMicroelectronics STLC60134S Datasheet HTML 10Page - STMicroelectronics STLC60134S Datasheet HTML 11Page - STMicroelectronics STLC60134S Datasheet HTML 12Page - STMicroelectronics STLC60134S Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Table 9. Linearity of ATU-C RX
f1 (0.5Vpd)
f2 (0.5Vpd)
S/IM3 (AGC = 20 dB)
2f2 - f1
2f1 - f2
80kHz
70kHz
56.5dB @ 60kHz
56.5dB @ 90kHz
Table 10. RX Filter to A/D Interface
RX filter to A/D maximal level:
1Vpd = full scale of A/D
Table 11. A/D Convertors (A pipeline architecture is used for A/D convertors).
Numbers of bits:
12bits
Minimum resolution of the A/D convertor
11bits
Linearity error of the A/D convertor
<1LSB (out of 12bits)
Full scale input range:
1 Vpdif
±5%
Sampling rate:
8.832MHz (or 4.416MHz in OSR = 2 mode)
Maximum attenuation at 1.1MHz:
<0.5dB without in-band ripple
Maximum group delay:
<3
µs
Maximum group delay distortion:
<1
µs
Power Supply Rejection
The noise on the power supplies for the RX path must be lower than the following:
<50mVrms in band white noise for any AVDD.
In this case, PSR (power supply rejection) of STLC60134S RX path is lower than -43dB.
TX PATH
Transmitter Spectral Response
The two figures below show the ANSI spectral response mask for ATU-C and ATU-R transmitters
dBm/Hz
-40
+/-3dB
24dB
50dB
30
1104 2208
11040
KHz
D98TL361
-64
-90
Figure 8. ATU-C TX spectral response mask
dBm/Hz
-40
+/-3dB
24dB
48dB
30
138
181
224
KHz
D98TL362
-64
-88
Figure 9. ATU-R TX spectral response mask
STLC60134S
9/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com