Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC60134S Datasheet(PDF) 10 Page - STMicroelectronics

Part # STLC60134S
Description  TOSCA INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC60134S Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STLC60134S Datasheet HTML 6Page - STMicroelectronics STLC60134S Datasheet HTML 7Page - STMicroelectronics STLC60134S Datasheet HTML 8Page - STMicroelectronics STLC60134S Datasheet HTML 9Page - STMicroelectronics STLC60134S Datasheet HTML 10Page - STMicroelectronics STLC60134S Datasheet HTML 11Page - STMicroelectronics STLC60134S Datasheet HTML 12Page - STMicroelectronics STLC60134S Datasheet HTML 13Page - STMicroelectronics STLC60134S Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Table 12. AGC of TX Path (from filter output to TXP and TXN).
Output noise
25mVHz
-1/2
Input level (nominal)
1Vpd
Output level nominal, full-scale
1.5Vpd
Maximum Output Load
> 500
Ω; <10pF
AGC range:
-15dB...dB
AGC step:
1dB
Gain and step accuracy
±0.3dB
Minimum code (0000) stands for AGC = -15dB and maximum (1111 - MSB left) for AGC = 0dB (See Tx
setting, Table22).
TX Pre-driver Capability
The pre-driver drives an external line power amplifier which transmits the required power to the line.
Table 13. TX Pre-driver
TX drive level to the external line driver for max. AGC setting
1.5 Vpdif
External line driver input impedance:
resistive
capacitive
> 500
< 30pF
Pre-driver characteristics:
closed loop gain:
-15dB...0dB with step = 1dB
ooutput impedance:
output offset voltage (0dB)
< 10mV
input noise voltage (0dB)
< 20nVHz
-1/2 @ f > 250k
< 50nVHz
-1/2 @ 34.5K < f
<138k
output common mode voltage:
1.6V < Vcm < 1.7V
TX Filter
The TX filters act not only to suppress the DMT sidebands but also as smoothing filters on the D/A con-
vertor’s output to suppress the image spectrum. For this reason they must be realized in a continuous
time approach.
ATU-R TX Filter
The purpose of this filter is to remove out-of-band noise of the ATU-R TX path echoed to the ATU-R RX
path. In order to meet the transmitter spectral response, an additional filtering must be (digitally) per-
formed. The integrated filter has the following characteristics:
Table 14. Integrated SC Filter Characteristics
Description
Value/Unit
Input referred noise
100nVHz
-1/2
Max. input level
1Vpd
Max. output level
1Vpd
Type
4th order chebytchef
Frequency band
138kHz (0% setting see below)
Frequency tuning
-25% -> +25%
Max. in-band ripple
1dB
Matlab Model
Default cut-off frequency @ -3dB
Actual cut-off @ -3dB
SC Freq. selection register
[B,A] = cheby1 (4,0.5,W0,’s’) {ripple = 0.5}
F0 = 151.8kHz
W0 = 2*pi*F0/((17+n)/16)
n = -4,..,3
see (AFE settings, Table 22)
STLC60134S
10/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com