Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC60134S Datasheet(PDF) 14 Page - STMicroelectronics

Part # STLC60134S
Description  TOSCA INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC60134S Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STLC60134S Datasheet HTML 10Page - STMicroelectronics STLC60134S Datasheet HTML 11Page - STMicroelectronics STLC60134S Datasheet HTML 12Page - STMicroelectronics STLC60134S Datasheet HTML 13Page - STMicroelectronics STLC60134S Datasheet HTML 14Page - STMicroelectronics STLC60134S Datasheet HTML 15Page - STMicroelectronics STLC60134S Datasheet HTML 16Page - STMicroelectronics STLC60134S Datasheet HTML 17Page - STMicroelectronics STLC60134S Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
DIGITAL INTERFACE
Control Interface
The digital setting codes for the STLC60134S configuration are sent over a serial line (CTRLIN) using
the word clock (CLWD).
The data burst is composed of 16 bits from which the first bit is used as start bit (’0’), the three LSBs be-
ing used to identify the data contained in the 12 remaining bits. Test related data are overruled by the
normal settings if the TEST pin is low.
Table 22. Control Interface Bit Mapping
M
S
B
L
S
B
RX SETTINGS
b
1
5
b
1
4
b
1
3
b
1
2
b
1
1
b
1
0
b
9
b
8
b
7
b
6
b
5
b
4
b
3
b
2
b
1
b
0
0
x
0
0
0
External Gain Control GC1
(init = 0)
0
x
0
0
0
External Gain Control GC0
(init = 0)
0
0
0
0
0
Rx input selected = RXIN0, RXIP0
(init)
0
1
0
0
0
Rx input selected = RXIN1, RXIP1
0
0
0000
00
0
AGC RX Gain setting 0dB
(init)
0
0
0001
00
0
AGC RX Gain setting 1dB
0
x
x
x
x
x
0
0
0
AGC RX Gain setting XdB
0
1
1111
00
0
AGC RX Gain setting 31dB
0
0
0
0
0
0
Normal mode Filter selection see LTNT pin
(init)
0
0
1
0
0
0
In ATU-C conf, force HC2 for RX path, TX grounded
0
1
0
0
0
0
In ATU-C conf, force HC1 for RX path
0
1
1
0
0
0
Normal mode Filter selection see LTNT pin
b
1
5
b
1
4
b
1
3
b
1
2
b
1
1
b
1
0
b
9
b
8
b
7
b
6
b
5
b
4
b
3
b
2
b
1
b
0
TX SETTINGS
0
0
0
0
0
0
0
1
Transmit TX - AGC setting -15dB
(init)
0
0
0
0
1
0
0
1
Transmit TX - AGC setting -14dB
0
x
x
x
x
0
0
1
Transmit TX - AGC setting (X - 15) dB
0
1
1
1
1
0
0
1
Transmit TX - AGC setting 0dB
0
0000
00
1
Not used
(init)
0
0000
00
1
Not used
(init)
0
0000
00
1
Not used
(init)
0
0000
00
1
Not used
(init)
0
x
x
x
0
0
1
General Purpose Output (GPO) setting
(init = 000)
b
1
5
b
1
4
b
1
3
b
1
2
b
1
1
b
1
0
b
9
b
8
b
7
b
6
b
5
b
4
b
3
b
2
b
1
b
0
AFE SETTINGS
0
0
0
1
0
Normal Mode (Digital path)
(init)
0
1
0
1
0
Digital Loopback (digital TX to digital RX - DAC not used)
0
0
0
1
0
Normal Mode (Analog path)
0
1
0
1
0
Analog loopback (RXi to TXi - ADC not used)
1) (init)
0
0
0
1
0
VCO DAC disabled
0
1
0
1
0
VCO DAC enabled
(init)
0
0
0
1
0
HC filter enabled
(init)
0
1
0
1
0
HC filter enabled
1) After initialization, this bit has to be cleared (0) to make the device properly operate.
STLC60134S
14/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com