Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC60134S Datasheet(PDF) 5 Page - STMicroelectronics

Part # STLC60134S
Description  TOSCA INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC60134S Datasheet(HTML) 5 Page - STMicroelectronics

  STLC60134S Datasheet HTML 1Page - STMicroelectronics STLC60134S Datasheet HTML 2Page - STMicroelectronics STLC60134S Datasheet HTML 3Page - STMicroelectronics STLC60134S Datasheet HTML 4Page - STMicroelectronics STLC60134S Datasheet HTML 5Page - STMicroelectronics STLC60134S Datasheet HTML 6Page - STMicroelectronics STLC60134S Datasheet HTML 7Page - STMicroelectronics STLC60134S Datasheet HTML 8Page - STMicroelectronics STLC60134S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
ATU-C END: BLOCK DIAGRAM
The transformer at ATU-C side has 1:2 ratio. The
termination resistors are 12.5
Ω in case of 100Ω
lines.
The hybrid bridge resistors should be < 2.5k
Ω for
low-noise.
An HP filter must be used on the TX path to re-
duce DMT sidelobes and out of band noise influ-
ence on the receiver. On the RX path, a LP filter
must be used in order to reduce the echo signal
level and to avoid saturation of the input stage of
the receiver.
The POTS filter is used in both directions to re-
duce crosstalk between STLC60134S signals
and POTS speech and signalling.
4.7
µH
L1
10
µF
100nF
ANALOG
VDD
AVDD (each pin must
have its own capacitor)
10
µF
100nF
10
µF
100nF
10
µF
VRAP pin
VRAN pin
10
µF
100nF
VREF pin
10
µF
100nF
AGND pin
10
µF
100nF
IREF pin
VCOC pin
D98TL356
100nF
Figure 3. Grounding and Decoupling Networks.
Table 3. Pin Functions (continued)
28
AVDD4
TX pre - drivers supply
AVDD
34
AVSS4
AVSS
35
AVSS5
AVSS
41
AVDD5
CT filter supply
AVDD
42
AVDD6
LNA supply
AVDD
51
AVSS6
AVSS
52
AVSS2
AVSS
54
AVDD2
DAC and support circuit
AVDD
58
AVDD1
XTAL oscillator supply voltage
AVDD
61
AVSS1
AVSS
62
DVSS2
DVSS
SPARES
3
NU3
Not used inputs
DVSS
4
NU2
Not used inputs
DVSS
5
NU1
Not used inputs
DVSS
6
NU0
Not used inputs
DVSS
29
NC0
30
NC1
1 LT
↔ AUT-C; NT ↔ ATU-R
STLC60134S
5/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com