Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC60134S Datasheet(PDF) 11 Page - STMicroelectronics

Part # STLC60134S
Description  TOSCA INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC60134S Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STLC60134S Datasheet HTML 7Page - STMicroelectronics STLC60134S Datasheet HTML 8Page - STMicroelectronics STLC60134S Datasheet HTML 9Page - STMicroelectronics STLC60134S Datasheet HTML 10Page - STMicroelectronics STLC60134S Datasheet HTML 11Page - STMicroelectronics STLC60134S Datasheet HTML 12Page - STMicroelectronics STLC60134S Datasheet HTML 13Page - STMicroelectronics STLC60134S Datasheet HTML 14Page - STMicroelectronics STLC60134S Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Table 15. Phase characteristics
Description
Value/Unit
Total TX filter group delay
<50
µs @ 34.5kHz < f < 138kHz
Total TX filter group delay distortion
<20
µs @ 34.5kHz < f < 138kHz
Note: The total ATU-R TX path (including DAC) group delay distortion is 16
µs (i.e. = 15µs+ 1µs of DAC)
AMPLITUTDE
0dB
+/-1dB
20dB
30
138
250
KHz
D98TL363
Figure 10. SC Filter Mask for ATU-CRX and ATU-R TX
Table 16. D/A Convertor (A current steering architecture is used).
Description
Value/Unit
Numbers of bits:
12bits
Minimum resolution of the D/A convertors
11bits
Linearity error of the A/D convertor
<1LSB (out of 12bits)
Full scale input range:
1 Vpdif
±5%
Sampling rate:
8.832MHz (or 4.416MHz in compatible mode)
Maximum group delay:
<3
µs
Maximum group delay distortion:
<1
µs
Linearity of ATU-C TX
Linearity of the TX is defined by the IM3 product of two sinusoidal signals with frequencies f1 and f2 and
each with 0.5Vpd amplitude (total
≤ 1Vpd)at the outputof the pre-driver for the case of a total AGC = 0dB.
Table 17. Linearity of ATU-C TX
f1 (0.5Vpd)
f2 (0.5Vpd)
300kHz
200kHz
500kHz
400kHz
700kHz
600kHz
S/IM3 (AGC = 0dB)
59.5dB @ 100kHz
53.5dB @ 400kHz
43.5dB @ 700kHz
42.5dB @ 800kHz
59.5dB @ 300kHz
48.0dB @ 600kHz
48.0dB @ 500kHz
42.5dB @ 800kHz
STLC60134S
11/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com