Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC60134S Datasheet(PDF) 4 Page - STMicroelectronics

Part # STLC60134S
Description  TOSCA INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC60134S Datasheet(HTML) 4 Page - STMicroelectronics

  STLC60134S Datasheet HTML 1Page - STMicroelectronics STLC60134S Datasheet HTML 2Page - STMicroelectronics STLC60134S Datasheet HTML 3Page - STMicroelectronics STLC60134S Datasheet HTML 4Page - STMicroelectronics STLC60134S Datasheet HTML 5Page - STMicroelectronics STLC60134S Datasheet HTML 6Page - STMicroelectronics STLC60134S Datasheet HTML 7Page - STMicroelectronics STLC60134S Datasheet HTML 8Page - STMicroelectronics STLC60134S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Table 3. Pin Functions.
N.
Name
Function
PCB connection
Supply
ANALOG INTERFACE
24
VRAP
positive voltage reference ADC
Decoupling network AVDD3
25
VREF
ground reference ADC
Decoupling network AVDD3
26
VRAN
negative voltage reference ADC
Decoupling network AVDD3
31
TXP
pre driver output
Line driver input
AVDD4
32
TXN
pre driver output
Line driver input
AVDD4
38
AGND
virtual analog ground (AVDD/2 = 1.65V)
Decoupling network AVDD5
44
VCOC
VCODAC time constant capacitor
VCODAC cap.
AVDD5
45
GC0
External gain control output LSB
AVDD5
46
GC1
External gain control output MSB
AVDD5
47
RXN0
analog receive negative input Gain 0
Echo filter output
AVDD5
48
RXP0
analog receive positive input Gain 0
Echo filter output
AVDD5
49
RXN1
analog receive negative input Gain 1 (most sensitive input)
Echo filter output
AVDD5
50
RXP1
analog receive positive input Gain 1 (most sensitive input)
Echo filter output
AVDD5
53
IREF
current reference TX DAC/DACE
Decoupling network AVDD2
55
IVCO
current reference VCO DAC
VCO bias network
AVDD1
56
VCXO
VXCO control current
VCXO filter
AVDD1
59
XTALI
XTAL oscillator input pin
Crystal + varicap
AVDD1
60
XTALO
XTAL oscillator output pin
Crystal + varicap
AVDD1
DIGITAL INTERFACE
1
TX1
digital transmit input, parallel data
DVDD2
2
TX0
digital transmit input, parallel data
DVDD2
7
CTRLIN
serial data input (settings)
Async Interface
DVDD2
9
CLKM
master clock output, f = 35.328MHz
Load = CL<30pF
DVDD2
10
CLNIB
nibble clock output, f = 17.664MHz (OSR = 2) or ground (OSR = 4)
Load = CL<30pF
DVDD2
11
CLWD
word clock output, f = 8.832/4.416MHz
Load = CL<30pF
DVDD2
12
RX3
digital receive output, parallel data
Load = CL<30pF
DVDD2
13
RX2
digital receive output, parallel data
Load = CL<30pF
DVDD2
14
RX1
digital receive output, parallel data
Load = CL<30pF
DVDD2
15
RX0
digital receive output, parallel data
Load = CL<30pF
DVDD2
18
PDOWN
power down select, ”1” = power down
Power down input
DVDD2
19
LTNT
ATU-R / ATU-C select pin
1, ATU-R = 0 /ATU-C = 1 / test
mode MSB
VDD in ATU-C mode DVDD2
20
RESETN
reset pin (active low)
RC- reset
DVDD2
22
GP0
General purpose output 0 (on AVDD 1)
Echo filter output
AVDD
33
GP1
General purpose output 1 (on AVDD 1)
Echo filter output
AVDD
43
GP2
General purpose output 2 (on AVDD 1)
Echo filter output
AVDD
63
TX3
digital transmit input, parallel data
Load = CL<30pF
DVDD2
64
TX2
digital transmit input, parallel data
Load = CL<30pF
DVDD2
21
RES
RESERVED
Must be connected
to DVSS (input)
36,
37, 39,
40, 57
RES
RESERVED
Must be connected
to AVSS (input)
SUPPLY VOLTAGES
8
DVSS1
DVSS
16
DVDD1
Digital I/O supply voltage
DVDD
17
DVDD2
digital internal supply voltage
DVDD
23
AVSS3
AVSS
27
AVDD3
ADC supply voltage
AVDD
STLC60134S
4/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com