Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC60134S Datasheet(PDF) 15 Page - STMicroelectronics

Part # STLC60134S
Description  TOSCA INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC60134S Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STLC60134S Datasheet HTML 11Page - STMicroelectronics STLC60134S Datasheet HTML 12Page - STMicroelectronics STLC60134S Datasheet HTML 13Page - STMicroelectronics STLC60134S Datasheet HTML 14Page - STMicroelectronics STLC60134S Datasheet HTML 15Page - STMicroelectronics STLC60134S Datasheet HTML 16Page - STMicroelectronics STLC60134S Datasheet HTML 17Page - STMicroelectronics STLC60134S Datasheet HTML 18Page - STMicroelectronics STLC60134S Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
b
1
5
b
1
4
b
1
3
b
1
2
b
1
1
b
1
0
b
9
b
8
b
7
b
6
b
5
b
4
b
3
b
2
b
1
b
0
AFE SETTINGS
0
0
0
1
0
OSR set to 4
(init)
0
1
0
1
0
OSR set to 2
0
1
1
1
0
1
0
SC freq. selection: Fc = 138kHz
(init) (*)
0
0
1
1
0
1
0
SC freq. selection: Fc ~ 110kHz
(*)
0
1
0
1
0
1
0
SC freq. selection: Fc ~ 170kHz
(*)
0
1
0
0
0
1
0
HC freq. selection: Fc = 1.104MHz
(init) (*)
0
0
1
1
0
1
0
HC freq. selection: Fc ~ 768kHz
(*)
0
0
0
1
0
VCXO output NOT filtered (”show-time”)
(init)
0
1
0
1
0
VCXO output filtered
b
1
5
b
1
4
b
1
3
b
1
2
b
1
1
b
1
0
b
9
b
8
b
7
b
6
b
5
b
4
b
3
b
2
b
1
b
0
VCO DAC VALUE SETTINGS
000
00
0000
01
1
VCO DAC CURRENT value @ MINIMUM
0
x
x
x
x
x
x
x
x
0
1
1
VCO DAC CURRENT value @ X
011
11
1111
01
1
VCO DAC CURRENT value @ MAXIMUM
b
1
5
b
1
4
b
1
3
b
1
2
b
1
1
b
1
0
b
9
b
8
b
7
b
6
b
5
b
4
b
3
b
2
b
1
b
0
POWER DOWN ANALOG BLOCK SETTINGS
0
0
1
0
0
TXD Active
(init)
0
1
1
0
0
TXD in powerdown
0
0
1
0
0
N.U.
(init)
0
1
1
0
0
N.U.
0
0
1
0
0
ADC Active
(init)
0
1
1
0
0
ADC in powerdown
0
0
1
0
0
HFC2 Active
(init)
0
1
1
0
0
HFC2 in powerdown
0
0
1
0
0
HFC1 Active
(init)
0
1
1
0
0
HFC1 in powerdown
0
0
1
0
0
SCF2 Active
(init)
0
1
1
0
0
SCF2 in powerdown
0
0
1
0
0
SCF1 Active
(init)
0
1
1
0
0
SCF1 in powerdown
0
0
1
0
0
LNA Active
(init)
0
1
1
0
0
LNA in powerdown
0
0
1
0
0
DAC Active
(init)
0
1
1
0
0
DAC in powerdown
0
0
1
0
0
DACE Active
(init)
0
1
1
0
0
DACE in powerdown
0
0
1
0
0
VCODAC Active
(init)
0
1
1
0
0
VCODAC in powerdown
0
0
1
0
0
XTAL Active
(init)
0
1
1
0
0
XTAL in powerdown
b
1
5
b
1
4
b
1
3
b
1
2
b
1
1
b
1
0
b
9
b
8
b
7
b
6
b
5
b
4
b
3
b
2
b
1
b
0
RESERVED
0
x
x
x
x
x
x
x
x
x
x
x
x
1
0
1
RESERVED
0
x
x
x
x
x
x
x
x
x
x
x
x
1
1
0
RESERVED
0
x
x
x
x
x
x
x
x
x
x
x
x
1
1
1
RESERVED
(*) For each filter, 8 possible frequency values (see table 6 and table 14). Notation is 2’s complement range from -4 = 100b +3 = 011b.
Fc is the frequency band (-1dB)
Table 22. Control Interface Bit Mapping (continued)
STLC60134S
15/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com