Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC60134S Datasheet(PDF) 20 Page - STMicroelectronics

Part # STLC60134S
Description  TOSCA INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC60134S Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STLC60134S Datasheet HTML 14Page - STMicroelectronics STLC60134S Datasheet HTML 15Page - STMicroelectronics STLC60134S Datasheet HTML 16Page - STMicroelectronics STLC60134S Datasheet HTML 17Page - STMicroelectronics STLC60134S Datasheet HTML 18Page - STMicroelectronics STLC60134S Datasheet HTML 19Page - STMicroelectronics STLC60134S Datasheet HTML 20Page - STMicroelectronics STLC60134S Datasheet HTML 21Page - STMicroelectronics STLC60134S Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
STATIC CHARACTERISTICS
Table 30. Digital Inputs
Schmitt-trigger inputs: TXi, CTRLIN, PDOWN, LTNT, RESETN, TEST
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIL
Low Level Input Voltage
0.3
⋅ DVDD
V
VIH
High Level Input Voltage
0.7
⋅ DVDD
V
VH
Hysteresis
1.0
1.3
V
Cimp
Input Capacitance
3
pF
Table 31. Digital Outputs
Hard Driven Outputs: RXi
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VOL
Low Level Output Voltage
Iout = -4mA
0.15
⋅ DVDD
V
VOH
High Level Output Voltage
Iout = 4mA
0.85
⋅DVDD
V
Cload
Load Capacitance
30
pF
Clock Driver Output: CLKM, CLNIB, CLKWD
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VOL
Low Level Output Voltage
Iout = -4mA
0.15
⋅DVDD
V
VOH
High Level Output Voltage
Iout = 4mA
0.85
⋅DVDD
V
Cload
Load Capacitance
30
pF
DC
Duty Cycle
45
55
%
STLC60134S
20/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com