Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED316S Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLED316S
Description  Serial-interfaced 6-digit LED controller with keyscan
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED316S Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLED316S_08 Datasheet HTML 2Page - STMicroelectronics STLED316S_08 Datasheet HTML 3Page - STMicroelectronics STLED316S_08 Datasheet HTML 4Page - STMicroelectronics STLED316S_08 Datasheet HTML 5Page - STMicroelectronics STLED316S_08 Datasheet HTML 6Page - STMicroelectronics STLED316S_08 Datasheet HTML 7Page - STMicroelectronics STLED316S_08 Datasheet HTML 8Page - STMicroelectronics STLED316S_08 Datasheet HTML 9Page - STMicroelectronics STLED316S_08 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
STLED316S functional and application diagram
STLED316S
6/33
1
STLED316S functional and application diagram
The STLED 316S consists of the following blocks:
●
Current source
●
POR and soft-start
●
Interrupt generator
●
Serial interface
●
Digital logic blocks
●
Drivers
Figure 1.
STLED316S functional diagram
CLK
KEY1-KEY2
8
7
DIG7
STB
DIN/DOUT
SEG1/KS1
VCC
Internal
reset
ISET
DIG2
SEG8/KS8
IRQ_N
DIG1_LED
2
Command
decoder
Display memory
(7 x 8)
Timing gen.
keysan & dimming
Keydata memory
(2 x 8)
8-bit
output
latch
7-bit
shift
register
POR
&
soft-start
Interrupt
generation
Internal clock
generator
Serial
I/F
V
CC
(+5.0 V)
GND
(0 V)
Output
segments
Current
source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com