Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED316S Datasheet(PDF) 18 Page - STMicroelectronics

Part # STLED316S
Description  Serial-interfaced 6-digit LED controller with keyscan
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED316S Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STLED316S_08 Datasheet HTML 14Page - STMicroelectronics STLED316S_08 Datasheet HTML 15Page - STMicroelectronics STLED316S_08 Datasheet HTML 16Page - STMicroelectronics STLED316S_08 Datasheet HTML 17Page - STMicroelectronics STLED316S_08 Datasheet HTML 18Page - STMicroelectronics STLED316S_08 Datasheet HTML 19Page - STMicroelectronics STLED316S_08 Datasheet HTML 20Page - STMicroelectronics STLED316S_08 Datasheet HTML 21Page - STMicroelectronics STLED316S_08 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Key matrix and key-input data storage ram
STLED316S
18/33
7
Key matrix and key-input data storage ram
During the key scan cycle all the grids are turned off. The first segments turn on is 64 µs.
The key1 and key2 signals will be sampled after 60 µs. The two signals latch into the
internal key buffer. The same applies for other segments.
This key buffer compares the data with the previous key status. If any changes are seen in
the buffer values, then the IRQ_N is asserted. The IRQ_N signal is active low (level). This
IRQ_N signal will be cleared at the end of reading the key buffer (end of byte transfer). The
key buffer must be completely read before the IRQ_N is cleared.
The key matrix is of 8 x 2 configuration, as shown below:
Figure 4.
Key matrix
The data of each key are stored as illustrated below, and are read by the appropriate read
command, starting from the least significant bit.
1st byte
2nd byte
The initial key buffer value is “00”. During operation, the buffer values will change depending
upon the values of the key-press.
KEY1
KEY1
KEY1
KEY1
KEY1
KEY1
KEY1
KEY1
SEG1/KS1
SEG2/KS2
SEG3/KS3
SEG4/KS4
SEG5/KS5
SEG6/KS6
SEG7/KS7
SEG8/KS8
LSB
MSB
KEY2
KEY2
KEY2
KEY2
KEY2
KEY2
KEY2
KEY2
SEG1/KS1
SEG2/KS2
SEG3/KS3
SEG4/KS4
SEG5/KS5
SEG6/KS6
SEG7/KS7
SEG8/KS8
LSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com