Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED316S Datasheet(PDF) 17 Page - STMicroelectronics

Part # STLED316S
Description  Serial-interfaced 6-digit LED controller with keyscan
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED316S Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STLED316S_08 Datasheet HTML 13Page - STMicroelectronics STLED316S_08 Datasheet HTML 14Page - STMicroelectronics STLED316S_08 Datasheet HTML 15Page - STMicroelectronics STLED316S_08 Datasheet HTML 16Page - STMicroelectronics STLED316S_08 Datasheet HTML 17Page - STMicroelectronics STLED316S_08 Datasheet HTML 18Page - STMicroelectronics STLED316S_08 Datasheet HTML 19Page - STMicroelectronics STLED316S_08 Datasheet HTML 20Page - STMicroelectronics STLED316S_08 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
STLED316S
Key-scan & display cycle
17/33
6
Key-scan & display cycle
The display RAM stores the data transmitted from an external device to the STLED316S
through the serial interface. Refer to Section 9: Key-scanning and display timing on page 25
for a pictorial representation.
The grid and segment outputs are controlled by the display output module. The entire grid
will be turned off on channel 1/16 and 16/16 meaning that the first channel and last channel
are off. This is referred to as blanking time.
During the keyscan time (first cycle from timing generator), the entire grid is turned off and
only the segments are enabled one by one (seg0 to seg7). The segment on time is 64 µs.
During the LED discrete time (second cycle), the data present on the internal LED buffer is
checked. If the data is present, then the brightness setting of each LED in the brightness
control register is checked. Then each segment will be enabled or disabled based on the
register value. In this duration, the grids 1 to 6 are turned off. The grid corresponding to LED
digit is turned on. The LED on duty cycle is 14/16. If the LED/seg1 brightness is 12/16, it
means that the segment1 OFF time is 12/16 and on time is 2/16.
During 7-segment display time (3rd cycle to 8th cycle), the display status is checked whether
it is ON or OFF. If display is ON, then the dimming settings are checked from the
configuration register for the grid (it may be common dimming setting or individual dimming
setting for each digit). The minimum turn on time is 1/16 and maximum turn on time is 14/16.
The blanking time is valid before the turning on and turning off of the grid. The blanking
interval is 32 µs. This will continue until the maximum number of digits configured in the
register. Once the full cycle is complete, the keyscan cycle will start again.
If the display is not turned on, then the timing generation will immediately go to the key scan
mode.
Initial:
All the segments and grids are turned off.
During operation:
1.
Turn on segment (keyscan) one by one. On time duration is 64 µs.
2.
Check the data present in LED register. If data is present, turn on the respective LED
grid and segments.
3.
Check the display on. If display is turned on, then enable the grid one by one from grid
1 to grid 6 (maximum) and turn on segments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com