Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED316S Datasheet(PDF) 16 Page - STMicroelectronics

Part # STLED316S
Description  Serial-interfaced 6-digit LED controller with keyscan
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED316S Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STLED316S_08 Datasheet HTML 12Page - STMicroelectronics STLED316S_08 Datasheet HTML 13Page - STMicroelectronics STLED316S_08 Datasheet HTML 14Page - STMicroelectronics STLED316S_08 Datasheet HTML 15Page - STMicroelectronics STLED316S_08 Datasheet HTML 16Page - STMicroelectronics STLED316S_08 Datasheet HTML 17Page - STMicroelectronics STLED316S_08 Datasheet HTML 18Page - STMicroelectronics STLED316S_08 Datasheet HTML 19Page - STMicroelectronics STLED316S_08 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
Recommended operating conditions
STLED316S
16/33
5.5
Dynamic switching characteristics
5.6
Timing characteristics
5.7
ESD performance
Table 9.
Dynamic switching characteristics
(TA = -40 to +85 °C, VCC = 5.0 V ± 10%, GND = 0.0 V, typical values are at
25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
fOSC
Internal oscillation frequency
400
500
600
kHz
fMAX
Clock (CLK) frequency
Duty = 50%
1
MHz
tPLZ
Propagation delay
CLK to DOUT
RL =10KΩ, CL =15pF
300
ns
tPZL
100
ns
Table 10.
Timing characteristics
(TA = -40 to +85 °C, VCC = 5.0 V ± 10%, GND = 0.0 V, Typical values are at
25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
PWCLK Clock pulse width
400
ns
PWSTB Strobe pulse width
1
µs
tSETUP
Data setup time
100
ns
tHOLD
Data hold time
100
ns
tCLK-STB Clock-strobe time
CLK rising edge to STB
rising edge
1µs
Table 11.
ESD performance
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ESD
JEDEC standard (all pins)
HBM
±4kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com