Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED316S Datasheet(PDF) 13 Page - STMicroelectronics

Part # STLED316S
Description  Serial-interfaced 6-digit LED controller with keyscan
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED316S Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STLED316S_08 Datasheet HTML 9Page - STMicroelectronics STLED316S_08 Datasheet HTML 10Page - STMicroelectronics STLED316S_08 Datasheet HTML 11Page - STMicroelectronics STLED316S_08 Datasheet HTML 12Page - STMicroelectronics STLED316S_08 Datasheet HTML 13Page - STMicroelectronics STLED316S_08 Datasheet HTML 14Page - STMicroelectronics STLED316S_08 Datasheet HTML 15Page - STMicroelectronics STLED316S_08 Datasheet HTML 16Page - STMicroelectronics STLED316S_08 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
STLED316S
Maximum rating
13/33
4
Maximum rating
Stressing the device above the rating listed in the “Absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
program and other relevant quality documents.
4.1
Thermal data
Table 4.
Absolute maximum ratings (all voltages are referenced to GND)
Symbol
Parameters
Values
Unit
VCC
Supply voltage to ground
-0.5 to +7.0
V
VI
Logic input voltage
-0.5 to VCC+0.5
V
PD
Power dissipation (1)
1.
De-rate at -9.6 mW/°C at TA = 25°C or higher
1200
mW
TA
Operating ambient temperature
-40 to 85
°C
TJ
Junction temperature
150
°C
TSTG
Storage temperature
-65 to +150
°C
TL
Lead temperature (10 sec)
300
°C
VESD
Electrostatic discharge voltage on all pins (2)
Human body model
2.
In accordance with the JEDEC standard
-4 to +4
kV
Table 5.
Thermal data
Symbol
Parameter
Min
Typ
Max
Unit
TthJC
Thermal resistance junction-ambient
75
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com