Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED316S Datasheet(PDF) 14 Page - STMicroelectronics

Part # STLED316S
Description  Serial-interfaced 6-digit LED controller with keyscan
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED316S Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STLED316S_08 Datasheet HTML 10Page - STMicroelectronics STLED316S_08 Datasheet HTML 11Page - STMicroelectronics STLED316S_08 Datasheet HTML 12Page - STMicroelectronics STLED316S_08 Datasheet HTML 13Page - STMicroelectronics STLED316S_08 Datasheet HTML 14Page - STMicroelectronics STLED316S_08 Datasheet HTML 15Page - STMicroelectronics STLED316S_08 Datasheet HTML 16Page - STMicroelectronics STLED316S_08 Datasheet HTML 17Page - STMicroelectronics STLED316S_08 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Recommended operating conditions
STLED316S
14/33
5
Recommended operating conditions
5.1
DC electrical characteristics
Table 6.
DC electrical characteristics
(TA = -40 to +85 °C, VCC = 5.0 V ± 10%, GND = 0 V)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VCC
Logic supply voltage
4.5
5.0
5.5
V
VIH
High level input voltage
High level guaranteed
digital pins
0.57
VCC
VCC
V
VIL
Low level input voltage
Low level guaranteed
digital pins
0
0.3V
CC
V
IIH, IIL
Input current
VIN = VCC or GND
-2
2
µA
VHYS
Hysteresis voltage
(DIN, CLK, STB pins)
0.91.051.2
V
VOL(DOUT) Low level output voltage
DOUT, IOL2 =4mA
0.4
V
IOLEAK
Driver leakage current
Drivers off
-140
µA
ISEG
Segment drive LED sink current
VLED =2.5 V
VDIGIT =VCC –1.0
-30
-40
-50
mA
IDIG
Digit drive LED source current
VDIGIT = VCC – 1.0
240
320
400
mA
ITOLSEG Segment drive current matching
VCC = 5.0 V, TA =25°C
VLED =2.5 V
3%
RSET
External current setting reference
resistor
(precision =
±1% tolerance)
ISEG = 40 mA
360
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com