Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED316S Datasheet(PDF) 23 Page - STMicroelectronics

Part # STLED316S
Description  Serial-interfaced 6-digit LED controller with keyscan
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED316S Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STLED316S_08 Datasheet HTML 19Page - STMicroelectronics STLED316S_08 Datasheet HTML 20Page - STMicroelectronics STLED316S_08 Datasheet HTML 21Page - STMicroelectronics STLED316S_08 Datasheet HTML 22Page - STMicroelectronics STLED316S_08 Datasheet HTML 23Page - STMicroelectronics STLED316S_08 Datasheet HTML 24Page - STMicroelectronics STLED316S_08 Datasheet HTML 25Page - STMicroelectronics STLED316S_08 Datasheet HTML 26Page - STMicroelectronics STLED316S_08 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
STLED316S
Commands
23/33
8.4
Display memory
The display memory stores the display data and sends to the LED when the display is on.
The address pointer, memory page and write signal indicates to this block the location to
write the data. This block will manage the address pointer. When the user writes a first byte,
the address increments by one if in auto-increment mode, else the address pointer remains
in the same location. The initial address is latched during the write/read command into the
address pointer. The display memory (7-segment/LED) is directly mapped into the display
segments. The user can access only one bank at a time in both the read and write modes.
The memory block is split into 4 pages.
Table 16.
Memory page address
7-segment display memory page 0x00:
Table 17.
7-segment display address
LED display memory page 0x01:
Table 18.
LED display address
Initial memory:
Default memory value is “00” in all locations.
During operation:
User defined value in these locations.
When the user wants to read the data from a particular location, the user sends the address
page through read command and chooses the mode of the address pointer (fixed or auto).
In this case, the user can access the whole memory area in that particular page (maximum
0 x 05).
Page 1
7 segment memory
Page 2
LED Display
Page 3
7 segment brightness
setting
Page 4
LED brightness setting
Addr 0x00 to 0x05
(40 bit)
Addr 0x00
(8 bit)
Addr 0x00 to 0x03
(32bit)
Addr 0x00 to 0x03
(32bit)
Address
Data
0x00
0x00
0x01
0x00
0x02
0x00
0x03
0x00
0x04
0x00
0x05
0x00
Address
Data
0x00h
0x00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com