Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED316S Datasheet(PDF) 8 Page - STMicroelectronics

Part # STLED316S
Description  Serial-interfaced 6-digit LED controller with keyscan
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED316S Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STLED316S_08 Datasheet HTML 4Page - STMicroelectronics STLED316S_08 Datasheet HTML 5Page - STMicroelectronics STLED316S_08 Datasheet HTML 6Page - STMicroelectronics STLED316S_08 Datasheet HTML 7Page - STMicroelectronics STLED316S_08 Datasheet HTML 8Page - STMicroelectronics STLED316S_08 Datasheet HTML 9Page - STMicroelectronics STLED316S_08 Datasheet HTML 10Page - STMicroelectronics STLED316S_08 Datasheet HTML 11Page - STMicroelectronics STLED316S_08 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Pin description
STLED316S
8/33
2
Pin description
Figure 3.
STLED316S pin connection
Table 2.
Pin description
Pin number
Symbol
Type
Name and function
1
DIN/DOUT
IN/OUT
Output serial data at falling edge of the shift clock,
starting from lower bit. Input serial data is clocked in at
rising edge of the shift clock, starting from lower bit.
2CLK
IN
Reads serial data at rising edge, and outputs data at
falling edge.
3STB
IN
Initializes serial interface at rising or falling edge to
make STLED316S wait for reception of command.
Data input after the falling edge of STB are processed
as a command. While command data are processed,
current processing is stopped, and the serial interface
is initialized. While STB is high, instructions are
ignored.
4IRQ_N
OUT
Interrupt output (active low) to interrupt the MCU
when there is a key press
5
DIG1_LED
OUT
Single output LED used together with the 8 segments
to drive up to 8 discrete LEDs
6,7,8
DIG2, DIG3,
DIG4
OUT
Digit output pins.
9VCC
PWR
5.0 V ± 10% Core main supply voltage. Bypass to
GND through a 0.1 µF capacitor as close to the pin as
possible.
10,11,12
DIG5, DIG6,
DIG7
OUT
Digit output pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com