Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMEC001 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STMEC001
Description  Power interface switch for ExpressCardTM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMEC001 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STMEC001 Datasheet HTML 2Page - STMicroelectronics STMEC001 Datasheet HTML 3Page - STMicroelectronics STMEC001 Datasheet HTML 4Page - STMicroelectronics STMEC001 Datasheet HTML 5Page - STMicroelectronics STMEC001 Datasheet HTML 6Page - STMicroelectronics STMEC001 Datasheet HTML 7Page - STMicroelectronics STMEC001 Datasheet HTML 8Page - STMicroelectronics STMEC001 Datasheet HTML 9Page - STMicroelectronics STMEC001 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Logic diagram
STMEC001
6/19
2
Logic diagram
Figure 2.
STMEC001 block diagram
UVLO
SW
SW
SW
150 K
Ω
150 K
Ω
Control logic
Thermal sense
POR
#OC
#SYSRST
#STBY
#SHDN
Vin_3.3V
AUX
Vin_1.5V
Vin_3.3V
V/I sense and
discharge switch
V/I sense and
discharge switch
V/I sense and
discharge switch
VO_3.3VAUX
VO_1.5V
VO_3.3V
#PERST
#CPUSB
#CPPE
RCLKEN
150 K
Ω
150 K
Ω
150 K
Ω
150 K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com