Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMEC001 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STMEC001
Description  Power interface switch for ExpressCardTM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMEC001 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STMEC001 Datasheet HTML 11Page - STMicroelectronics STMEC001 Datasheet HTML 12Page - STMicroelectronics STMEC001 Datasheet HTML 13Page - STMicroelectronics STMEC001 Datasheet HTML 14Page - STMicroelectronics STMEC001 Datasheet HTML 15Page - STMicroelectronics STMEC001 Datasheet HTML 16Page - STMicroelectronics STMEC001 Datasheet HTML 17Page - STMicroelectronics STMEC001 Datasheet HTML 18Page - STMicroelectronics STMEC001 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
STMEC001
Switching times
15/19
Symbol
Parameter
Condition
Min
Typ
Max
Unit
tPD
Propagation
delay
VIN_3.3V to VO_3.3V
CL(3.3V) =0.1 µF
Io(3.3V) =0 A
0.02
1.0
ms
VIN_3.3VAUX to VO_VAUX
CL(AUX) =0.1 µF,
Io(AUX) =0A
0.02
1.0
VIN_1.5V to VO_1.5V
CL(1.5V) =0.1 µF
Io(1.5V) =0A
0.02
1.0
VIN_3.3V to VO_3.3V
CL(3.3V)=100µF
RL = VO_3.3V/1.0 A
0.05
1.0
VIN_3.3VAUX to VO_VAUX
CL(3.3V) =100 µF
RL =VO_VAUX/0.25 A
0.05
1.0
VIN_1.5V to VO_1.5V
CL(3.3V) = 100µF
RL = VO_1.5V/0.5 A
0.05
1.0
Table 12.
Switching characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com