Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMEC001 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STMEC001
Description  Power interface switch for ExpressCardTM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMEC001 Datasheet(HTML) 3 Page - STMicroelectronics

  STMEC001 Datasheet HTML 1Page - STMicroelectronics STMEC001 Datasheet HTML 2Page - STMicroelectronics STMEC001 Datasheet HTML 3Page - STMicroelectronics STMEC001 Datasheet HTML 4Page - STMicroelectronics STMEC001 Datasheet HTML 5Page - STMicroelectronics STMEC001 Datasheet HTML 6Page - STMicroelectronics STMEC001 Datasheet HTML 7Page - STMicroelectronics STMEC001 Datasheet HTML 8Page - STMicroelectronics STMEC001 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
STMEC001
Pin description
3/19
1
Pin description
Figure 1.
STMEC001 pin configuration (top view)
/STBY
VIN_3.3V
VO_3.3V
VO_3.3V
1
2
3
4
5
6
78
12
11
10
9
16
15
14
13
VO_1.5V
VIN_1.5V
VO_3.3AUX
VIN_3.3AUX
13
NC
/CPUSB
/CPPE
VO_1.5V
VO_1.5V
VIN_1.5V
VIN_1.5V
V0_3.3VAUX
VIN_3.3VAUX
RCLKEN
/OC
NC
24
23
22
21
20
19
18
17
16
15
14
12
11
10
9
8
7
6
5
4
3
2
1
NC
/SYSRST
/SHDN
/STBY
VIN_3.3V
VIN_3.3V
VO_3.3V
VO_3.3V
/PERST
NC
GND
NC
TSSOP20
QFN16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com