Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMEC001 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STMEC001
Description  Power interface switch for ExpressCardTM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMEC001 Datasheet(HTML) 4 Page - STMicroelectronics

  STMEC001 Datasheet HTML 1Page - STMicroelectronics STMEC001 Datasheet HTML 2Page - STMicroelectronics STMEC001 Datasheet HTML 3Page - STMicroelectronics STMEC001 Datasheet HTML 4Page - STMicroelectronics STMEC001 Datasheet HTML 5Page - STMicroelectronics STMEC001 Datasheet HTML 6Page - STMicroelectronics STMEC001 Datasheet HTML 7Page - STMicroelectronics STMEC001 Datasheet HTML 8Page - STMicroelectronics STMEC001 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Pin description
STMEC001
4/19
Table 2.
Pin assignments
Pin
Name
Type
Description
QFN16
TSSOP20
-
1
NC
-
No connection
15
2
/SYSRST
I
System Reset input - active low, logic level signal,
internal 150 K
Ω pull-up
16
3
/SHDN
I
Shutdown input - active low, logic level signal,
internal 150 K
Ω pull-down
14
/STBY
I
Standby input - active low, logic level signal, internal
150 K
Ω pull-down
2
5
VIN_3.3V
I
3.3 V input for VO_3.3V
-
6
VIN_3.3V
I
3.3 V input for VO_3.3V
3
7
VO_3.3V
O
Switched output that delivers 0 V, 3.3 V or high
impedance to card
4
8
VO_3.3V
O
Switched output that delivers 0 V, 3.3 V or high
impedance to card
5
9
/PERST
O
A logic level power good to slot (delayed)
-
10
NC
-
No connection
6
11
GND
-
Ground
-
12
NC
-
No connection
-
13
NC
-
No connection
7
14
/CPUSB
I
Card Present input for USB cards, internal 150 K
Ω
pull-up
8
15
/CPPE
I
Card Present input for PCI ExpressCard, internal
150 K
Ω pull-up
9
16
VO_1.5V
O
Switched output that delivers 0 V, 1.5 V or high
impedance to card
-
17
VO_1.5V
O
Switched output that delivers 0 V, 1.5 V or high
impedance to card
10
18
VIN_1.5V
I
1.5 V input for 1.5Vout
-
19
VIN_1.5V
I
1.5 V input for 1.5VOUT
11
20
VO_3.3VAUX
O
Switched output that delivers 0 V, 3.3 V or high
impedance to card
12
21
VIN_3.3VAUX
I
3.3 V input for VO_3.3VAUX and chip power
13
22
RCLKEN
I/O
Reference Clock Enable signal. As an output, a
logic level power good to host for slot (open drain).
As an input, if kept inactive by the host, prevents
/PERST from being de-asserted, internal 150 K
Ω
pull-up
14
23
/OC
O
Over-current status output for slot (open drain)
-
24
NC
-
No connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com