Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMEC001 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STMEC001
Description  Power interface switch for ExpressCardTM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMEC001 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STMEC001 Datasheet HTML 6Page - STMicroelectronics STMEC001 Datasheet HTML 7Page - STMicroelectronics STMEC001 Datasheet HTML 8Page - STMicroelectronics STMEC001 Datasheet HTML 9Page - STMicroelectronics STMEC001 Datasheet HTML 10Page - STMicroelectronics STMEC001 Datasheet HTML 11Page - STMicroelectronics STMEC001 Datasheet HTML 12Page - STMicroelectronics STMEC001 Datasheet HTML 13Page - STMicroelectronics STMEC001 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Electrical characteristics
STMEC001
10/19
5
Electrical characteristics
Table 6.
Recommended operating conditions
Symbol
Parameter
Value
Unit
VI
Input voltage: VI(3.3VIN) is required for its respective functions
3.0 to 3.6
V
Input voltage: VI(1.5VIN) is required for its respective functions
1.35 to 1.65
V
Input voltage: VI(3.3VAUX) is required for all circuit operations
3.0 to 3.6
V
IO
Output current: IO(3.3V) at TJ = 100 ° C
1.3 (max.)
A
Output current: IO(1.5V) at TJ = 100 ° C
650 (max.)
mA
Output current: IO(AuxV) at TJ = 100 ° C
275 (max.)
mA
TOP
Operating junction temperature, TJ (max to be calc. at worst case PD at
85° C ambient)
100
° C
Table 7.
Electrical characteristics
TJ =25° C, VI(VIN 3.3 V) = VI(VIN 3.3VAUX)= 3.3 V, VI(VIN 1.5V)=1.5V
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
RSW
(1)
TSSOP20
VIN_3.3V to VO_3.3V
I = 1300 mA, TJ =25 ° C53
64
m
Ω
I = 1300 mA, TJ = 100 ° C80
VIN_1.5V to VO_1.5V
I = 650 mA, TJ = 25 ° C70
88
I = 650 mA, TJ = 100 ° C105
VIN_3.3VAUX to VO_VAUX
I = 275 mA, TJ = 25 ° C
140
170
I = 275 mA, TJ = 100 ° C210
RSW
(1)
QFN16
VIN_3.3V to VO_3.3V
I = 1300 mA, TJ = 25 ° C53
64
m
Ω
I = 1300 mA, TJ = 100 ° C80
VIN_1.5V to VO_1.5V
I = 650 mA, TJ = 25 ° C80
92
I = 650 mA, TJ = 100 ° C115
VIN_3.3VAUX to VO_VAUX
I = 275 mA, TJ = 25 ° C
170
192
I = 275 mA, TJ = 100 ° C230
RO
RO(3.3 V)
discharge resistance
I discharge = 1 mA
0.1
0.5
ΚΩ
RO(1.5 V)
discharge resistance
I discharge = 1 mA
0.1
0.5
RO(1.5 V)
discharge resistance
I discharge = 1 mA
0.1
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com