Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMEC001 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STMEC001
Description  Power interface switch for ExpressCardTM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMEC001 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STMEC001 Datasheet HTML 7Page - STMicroelectronics STMEC001 Datasheet HTML 8Page - STMicroelectronics STMEC001 Datasheet HTML 9Page - STMicroelectronics STMEC001 Datasheet HTML 10Page - STMicroelectronics STMEC001 Datasheet HTML 11Page - STMicroelectronics STMEC001 Datasheet HTML 12Page - STMicroelectronics STMEC001 Datasheet HTML 13Page - STMicroelectronics STMEC001 Datasheet HTML 14Page - STMicroelectronics STMEC001 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
STMEC001
Electrical characteristics
11/19
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
IOS
IO(3.3 V) limit
(limit is the steady state
value)
TJ -40° C to100° C
Output powered into a short
1.3
2.5
A
IO(1.5 V) limit
TJ -40° C to100° C
Output powered into a short
650
1300
mA
IO(VAUX) limit
TJ -40° C to 100° C
Output powered into a short
275
660
1.
Switch resistance (in production - probe testing at 1.3 A. Final test at 1.0 A and apply guard band)
Table 7.
Electrical characteristics
TJ =25° C, VI(VIN 3.3 V) = VI(VIN 3.3VAUX)= 3.3 V, VI(VIN 1.5V)=1.5V (continued)
Table 8.
Power switching
Symbol
Parameter
Test condition
Min
Typ
Max Unit
Tsh
Thermal shutdown, trip point, TJ.
Over-current condition
155
165
° C
Hysteresis
10
° C
IOL
Current limit response time.
From short to first threshold within 1.1 times
of the final current limit
VO (3.3VOUT) with100 mΩ short
5
20
μs
VO (1.5VOUT) with100 mΩ short
5
20
VO (VAUX) with100 mΩ short
5
20
IQ
Input quiescent current:
normal operation
VIN_3.3VAUX VO (VAUX)=VI(3.3VAUX)=
VI(3.3VIN)VO(1.5V) = VI(1.5VIN)
TJ -40° C,100° C
Outputs are ON and unloaded
120
μA
VIN_3.3V
40
VIN_1.5V
10
Input quiescient current:
normal operation with pull-up
VIN_3.3VAUX VO(VAUX)=VI(3.3VAUX)=VI(3.3VI
N)VO(1.5 V) = VI(1.5VIN)
TJ -40° C,100° C]
Outputs are ON and unloaded
150
180
VIN_3.3V
25
40
VIN_1.5V
10
25
Input quiescient current:
/SHDN asserted with pull-up
VIN_3.3VAUX T
J -40° C,100° C
discharge FETs are ON
150
270
VIN_3.3V
10
15
VIN_1.5V
10
15
SHDN
Forward leakage current (current measured
at input pins/no card present)
/SHDN inactive
VIN_3.3VAUX
50
100
μA
VIN_3.3V
15
20
VIN_1.5V
5
10
ILEAK
(1)
Reverse leakage current
(current measured from
output pins / input grounded)
VIN_3.3VAUX
TJ = 25 ° C5
10
μA
TJ = 100 ° C20
50
VIN_1.5V
TJ = 25 ° C10
15
TJ = 100 ° C30
50
VIN_3.3V
TJ = 25 ° C10
15
TJ = 100 ° C30
50
1.
All high side switches are in Hi-Z state, VO (AUX) = VO (3.3 V) = 3.3 V, Vo (1.5 V) = 1.5 V, TJ -40 ° C,100 ° C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com