Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMEC001 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STMEC001
Description  Power interface switch for ExpressCardTM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMEC001 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STMEC001 Datasheet HTML 9Page - STMicroelectronics STMEC001 Datasheet HTML 10Page - STMicroelectronics STMEC001 Datasheet HTML 11Page - STMicroelectronics STMEC001 Datasheet HTML 12Page - STMicroelectronics STMEC001 Datasheet HTML 13Page - STMicroelectronics STMEC001 Datasheet HTML 14Page - STMicroelectronics STMEC001 Datasheet HTML 15Page - STMicroelectronics STMEC001 Datasheet HTML 16Page - STMicroelectronics STMEC001 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
STMEC001
Logic characteristics
13/19
6
Logic characteristics
Table 10.
Logic states
Logic transition
Condition
Min
Typ
Max
Unit
Logic input voltage
High level
2.0
V
Low level
0.8
PERST# assertion threshold of output
voltage
3.3 V output falling
2.7
3.0
V
AUX output falling
2.7
3.0
1.5 V output falling
1.2
1.35
PERST# assertion delay from output
voltage invalid
Output falling below threshold
500
ns
PERST# de-assertion from output
voltage valid
Output rising above threshold
4
10
20
ms
PERST# assertion delay from SYSRST# STSRST asserted or de-asserted
500
ns
RCLKEN assertion delay from output
voltage valid
Output rising above threshold
100
μs
OC# output low voltage
IOC =2mA
0.4
V
OC# leakage current
VOC =3.6 V
1
μA
OC# deglitch
Falling into or out of an over-current
condition
620
μs
Table 11.
ESD protections
Pin
Condition
ESD tolerance
Unit
VOUT (3.3 V, 1.5 V, AUX)
Versus GND & supply
6
kV
All other pins (except RCLKEN)
Versus GND & supply
2
RCLKEN
Versus GND
2
RCLKEN
Versus supply
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com