Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMEC001 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STMEC001
Description  Power interface switch for ExpressCardTM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMEC001 Datasheet(HTML) 1 Page - STMicroelectronics

  STMEC001 Datasheet HTML 1Page - STMicroelectronics STMEC001 Datasheet HTML 2Page - STMicroelectronics STMEC001 Datasheet HTML 3Page - STMicroelectronics STMEC001 Datasheet HTML 4Page - STMicroelectronics STMEC001 Datasheet HTML 5Page - STMicroelectronics STMEC001 Datasheet HTML 6Page - STMicroelectronics STMEC001 Datasheet HTML 7Page - STMicroelectronics STMEC001 Datasheet HTML 8Page - STMicroelectronics STMEC001 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
April 2008
Rev 4
1/19
19
STMEC001
Power interface switch for ExpressCardTM
Features
Compliant with PC Card
standard for
ExpressCard
3-channel power interface switch
Built-in under-voltage lockout (UVLO) circuit
Ultra-low standby-mode current
Additional 5 V or 12 V power supply not
required
High reliability ensured with integrated over-
current, thermal and undervoltage protection
circuitries applied to each voltage rail
Soft start function for non-rush current
Ultra-low standby-mode current for power
saving
Ultra-low ON resistance for fast switching
Description
The STMEC001 is an ExpressCard power
interface switch which provides the complete
power management solution required by the
ExpressCard specification.
The STMEC001 consists of 3 internal switches
distributing 3.3 V, 3.3VAUX, and 1.5 V to the
ExpressCard socket without the need of additional
charge pump or external switches.
The STMEC001 ExpressCard power switch is
ideal for notebook computers, desktop computers,
personal digital assistants (PDA), or other
handheld devices implementing the ExpressCard
schematic.
.
QFN16
TSSOP20
Table 1.
Device summary
Order code
Package
Packing
STMEC001QTR
QFN16
Tape and reel
STMEC001ATTR
TSSOP20
Tape and reel
www.st.com


Similar Part No. - STMEC001

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
STM APEX-ELECTRONICS-STM Datasheet
725Kb / 6P
Miniature toggle switches
logo
Applied Motion Products...
STM AMP-STM Datasheet
5Mb / 16P
Integrated Steppers
logo
List of Unclassifed Man...
STM-001T-P06 ETC2-STM-001T-P06 Datasheet
69Kb / 1P
UNCONTROLLED ISSUE
STM-1116 ETC-STM-1116 Datasheet
180Kb / 6P
800 - 1000 MHz High Linearity Active Transmit Mixer
logo
SIRENZA MICRODEVICES
STM-1116 SIRENZA-STM-1116 Datasheet
182Kb / 6P
800 - 1000 MHz High Linearity Active Transmit Mixer
More results

Similar Description - STMEC001

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L351 WINBOND-W83L351 Datasheet
1Mb / 33P
ExpressCard??Power Interface Switch
logo
Rohm
BD4153FV ROHM-BD4153FV_09 Datasheet
689Kb / 18P
Power Switch ICs for ExpressCardTM
BD4154FV ROHM-BD4154FV_09 Datasheet
462Kb / 16P
Power Switch IC for ExpressCardTM
BD4155FV ROHM-BD4155FV_09 Datasheet
482Kb / 17P
Power Switch IC for ExpressCardTM
BD4156MUV ROHM-BD4156MUV_09 Datasheet
506Kb / 24P
Power Switch for ExpressCardTM
BD4157MUV ROHM-BD4157MUV Datasheet
511Kb / 25P
Power Switch IC for ExpressCardTM
logo
Texas Instruments
TPS2231MRGPR-2 TI1-TPS2231MRGPR-2 Datasheet
1Mb / 43P
ExpressCard POWER INTERFACE SWITCH
logo
Unisonic Technologies
US12231 UTC-US12231 Datasheet
387Kb / 15P
POWER INTERFACE SWITCH
logo
Nuvoton Technology Corp...
W83L351YG NUVOTON-W83L351YG Datasheet
632Kb / 33P
ExpressCard??Power Interface Switch
W83L351 NUVOTON-W83L351 Datasheet
632Kb / 33P
ExpressCard??Power Interface Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com