Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1208S Datasheet(PDF) 13 Page - STMicroelectronics

Part # STMPE1208S
Description  Xpander Logic with 12-channel touchkey
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1208S Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STMPE1208S Datasheet HTML 9Page - STMicroelectronics STMPE1208S Datasheet HTML 10Page - STMicroelectronics STMPE1208S Datasheet HTML 11Page - STMicroelectronics STMPE1208S Datasheet HTML 12Page - STMicroelectronics STMPE1208S Datasheet HTML 13Page - STMicroelectronics STMPE1208S Datasheet HTML 14Page - STMicroelectronics STMPE1208S Datasheet HTML 15Page - STMicroelectronics STMPE1208S Datasheet HTML 16Page - STMicroelectronics STMPE1208S Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
STMPE1208S
Power schemes
13/51
4
Power schemes
The STMPE1208S can be powered by a 2.5 V supply directly, or 3.0 - 5.5 V supply through
the internal voltage regulator.
Figure 6.
Power using the internal regulator
1.
REG_DISABLE bit in CTRL_2 register = 0
Figure 7.
Power bypassing the internal regulator
1.
REG_DISABLE bit in CTRL_2 register = 1
STMPE1208S
VPH
VREG
V25
GND
3 - 5.5V
2.2uF
CS00041
STMPE1208S
VPH
VREG
V25
GND
3 - 5.5V
CS00042
2.25 - 2.75V
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com