Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1208S Datasheet(PDF) 40 Page - STMicroelectronics

Part # STMPE1208S
Description  Xpander Logic with 12-channel touchkey
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1208S Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STMPE1208S Datasheet HTML 36Page - STMicroelectronics STMPE1208S Datasheet HTML 37Page - STMicroelectronics STMPE1208S Datasheet HTML 38Page - STMicroelectronics STMPE1208S Datasheet HTML 39Page - STMicroelectronics STMPE1208S Datasheet HTML 40Page - STMicroelectronics STMPE1208S Datasheet HTML 41Page - STMicroelectronics STMPE1208S Datasheet HTML 42Page - STMicroelectronics STMPE1208S Datasheet HTML 43Page - STMicroelectronics STMPE1208S Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
Command registers
STMPE1208S
40/51
7
Command registers
The command registers do not have a data field. The device carries out a predetermined
operation upon receiving a write access to these address offset. However, a dummy data-
phase is used to complete the I2C transaction.
Table 8.
Command registers
Command
Operation
0xF8 CLK_SRC_INTERNAL
Use internal OSC as clock source
0xF9 CLK_SRC_EXTERNAL
Use TCLK pin as clock source
0xFA BIAS_OFF
Turns OFF biasing for internal LDO
When external supply is used for V25, turning
OFF the biasing for internal LDO reduces current
consumption
0xFB BIAS_ON
Turns ON biasing for internal LDO
0xFC Wake Up
Exits from sleep and enters Active mode
0xFD Enter Sleep
Enter sleep mode
0xFE Cold Reset
Resets all states and registers
0xFF Warm Reset
Resets internal state machines, register values
remain the same
NOTE: I2C WRITE TO THIS REGISTER WILL
NOT BE ACKNOWLEDGED. However as long as
I2C timing is followed, the writing to this register
will work correctly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com