Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1208S Datasheet(PDF) 36 Page - STMicroelectronics

Part # STMPE1208S
Description  Xpander Logic with 12-channel touchkey
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1208S Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STMPE1208S Datasheet HTML 32Page - STMicroelectronics STMPE1208S Datasheet HTML 33Page - STMicroelectronics STMPE1208S Datasheet HTML 34Page - STMicroelectronics STMPE1208S Datasheet HTML 35Page - STMicroelectronics STMPE1208S Datasheet HTML 36Page - STMicroelectronics STMPE1208S Datasheet HTML 37Page - STMicroelectronics STMPE1208S Datasheet HTML 38Page - STMicroelectronics STMPE1208S Datasheet HTML 39Page - STMicroelectronics STMPE1208S Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
Register map and function description
STMPE1208S
36/51
STATUS
Status register
Address:
0x74
Type:
R
Reset:
0x00
Applicability:
Description:
IDLE: Reads '1' if device is currently in IDLE mode, reads '0' if device is not in IDLE
mode
TOUCH_BYTE_L
Touch byte L
Address:
0x75
Type:
R
Reset:
0x00
Description:
CH n: Reads the touch status of channel n (n=0-7). If the key is touched (Impedance
> Calibrated Impedance + TVR), the corresponding bit in this register will read '1'.
Reading TOUCH_BYTE_L and TOUCH_BYTE_H will clear the TINT assertion.
765
432
10
RESERVED
IDLE
[7:6] RESERVED
[0] IDLE:
Currently sensed impedance
765
432
10
CH7
CH6
CH5
CH4
CH3
CH2
CH1
CH0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com