Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1208S Datasheet(PDF) 15 Page - STMicroelectronics

Part # STMPE1208S
Description  Xpander Logic with 12-channel touchkey
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1208S Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STMPE1208S Datasheet HTML 11Page - STMicroelectronics STMPE1208S Datasheet HTML 12Page - STMicroelectronics STMPE1208S Datasheet HTML 13Page - STMicroelectronics STMPE1208S Datasheet HTML 14Page - STMicroelectronics STMPE1208S Datasheet HTML 15Page - STMicroelectronics STMPE1208S Datasheet HTML 16Page - STMicroelectronics STMPE1208S Datasheet HTML 17Page - STMicroelectronics STMPE1208S Datasheet HTML 18Page - STMicroelectronics STMPE1208S Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
STMPE1208S
Capacitive sensors
15/51
5.2
Capacitance compensation
The STMPE1208S is capable to measuring up to 7.2 pF in capacitance difference between
the reference point (Zref) and the individual channels. In the case where the PCB
connection between the sensor pads and the device is too long, the "REFERENCE DELAY"
register is able to shift the reference by up to 6.0 pF, allowing the TOUCH channels to
measure added capacitance 7.2 pF with offset of 6.0 pF, as shown in following diagram.
In case this is still not enough to compensate for the capacitance on sensor lines (due to
very long sensor trace), an external capacitor of up to 30 pF can be connected at the A_Ref
pin. This allows to further shift up the dynamic range of the capacitance measurement.
Figure 10.
Capacitance compensation
The sensed capacitance is accessible to host through the "IMPEDANCE" registers.
5.3
Setting of TVR and EVR
The STMPE1208S uses 2 main parameters to control the sensitivity and calibration of the
capacitive sensing system. TVR (touch variance) is a channel-specific value, that specifies
the number of steps the sensed capacitance must be above the internal reference, to be
considered a touch. Generally, this should be set as 4
−10, but it must be bigger than EVR.
The EVR (environment variance) is a shared value that is applied to all the channels. This
specifies the maximum change in capacitance that can be considered due to the shifting of
the environmental factor. Generally, this should be set to 1
−5, but it must be less than TVR.
Environment tracking calibration
On power up, a calibration is executed. The initial calibration takes about 150 clock cycles of
sensor clock for completion. Using 5 kHz sensor clock, this would be 30 mS.
However, if any of the sensors are touched during powering up, calibration is delayed, until
all sensors are untouched. In this case, the time taken for calibration, from the time when all
sensors are untouched is:
2 * calibration interval + 150 * sensor clock period
Increasing capacitance
30.0pF
Reference delay register = 0
Dynamic range = 0 - 7.2 pF
Reference delay register = 6.0 pF
Dynamic range = 6.0 - 13.2 pF
Reference delay = 6.0 pF
S_REF external capacitance = 30 pF
Dynamic range = 36 - 43.2 pF
6.0 pF
7.2 pF
6.0 pF
7.2 pF
7.2 pF
CS00043



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com