Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1208S Datasheet(PDF) 19 Page - STMicroelectronics

Part # STMPE1208S
Description  Xpander Logic with 12-channel touchkey
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1208S Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STMPE1208S Datasheet HTML 15Page - STMicroelectronics STMPE1208S Datasheet HTML 16Page - STMicroelectronics STMPE1208S Datasheet HTML 17Page - STMicroelectronics STMPE1208S Datasheet HTML 18Page - STMicroelectronics STMPE1208S Datasheet HTML 19Page - STMicroelectronics STMPE1208S Datasheet HTML 20Page - STMicroelectronics STMPE1208S Datasheet HTML 21Page - STMicroelectronics STMPE1208S Datasheet HTML 22Page - STMicroelectronics STMPE1208S Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
STMPE1208S
Register map and function description
19/51
6
Register map and function description
This section lists and describes the registers of the STMPE1208S device, starting with a
register map and then detailed descriptions of register types.
Table 7.
Register summary map table
Address
Module register
Type
Reset value
Description
0x00
FEATURE_SEL
R/W
0x04
Feature selection
0x01
−0x0C TVR 0 −11
R/W
0x08
TVR (touch variance) setting of
each capacitive channel
0x0D
EVR
R/W
0x04
EVR (enviromental variance)
setting of all 12 channels
0x0E
ETC_WAIT
R/W
0x27
Wait time for calibration
0x0F
REF_DELAY
R/W
0x00
Value of reference delay chain
0x10
− 0x1B STRENGTH_THRES
R/W
0x01
Setting of strength threshold for
each channel
0x1C
INTEGRATION_ TIME
R/W
0x0F
Integration time for AFS mode
0x1D
IDLE_TIME
R/W
0x0F
Period to enter IDLE mode after
non-activity
0x1E
GPIO_REG_L
R/W
0x00
Output state of I/O if configured
as GPIO
0x1F
GPIO_REG_H
R/W
0x00
Output state of I/O if configured
as GPIO
0x20
GPIO_CFG_L
R/W
0x00
To configure I/O as GPIO or
direct capacitive measurement
output
0x21
GPIO_CFG_H
R/W
0x00
To configure I/O as GPIO or
direct capacitive measurement
output
0x22
GPIO_DIR_L
R/W
0x00
Direction of GPIO
0x23
GPIO_DIR_H
R/W
0x00
Direction of GPIO
0x24
CTRL_1
R/W
0x00
Functional control of capacitive
sensing
0x25
CTRL_2
R/W
0x00
Functional control of capacitive
sensing
0x26
INT_MASK
R/W
0x00
Mask for GINT interrupt
sources
0x27
INT_CLR
R/W
0x00
Writing this register clears the
INT Pending register
0x28
BEEP_PER
R/W
0x00
Set the period of BEEP output
0x29
BEEP_FREQ
R/W
0x00
Set the frequency of BEEP
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com