Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1208S Datasheet(PDF) 17 Page - STMicroelectronics

Part # STMPE1208S
Description  Xpander Logic with 12-channel touchkey
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1208S Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STMPE1208S Datasheet HTML 13Page - STMicroelectronics STMPE1208S Datasheet HTML 14Page - STMicroelectronics STMPE1208S Datasheet HTML 15Page - STMicroelectronics STMPE1208S Datasheet HTML 16Page - STMicroelectronics STMPE1208S Datasheet HTML 17Page - STMicroelectronics STMPE1208S Datasheet HTML 18Page - STMicroelectronics STMPE1208S Datasheet HTML 19Page - STMicroelectronics STMPE1208S Datasheet HTML 20Page - STMicroelectronics STMPE1208S Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
STMPE1208S
Capacitive sensors
17/51
Figure 11.
3-stage data filtering system
Integration and filtering unit
TOUCH is sampled across a programmable period of time. The output of the integration
stage would be a "STRENGTH" (in STRENGTH register) that indicates the number of times
a "TOUCH" is seen, across the integration period. The "STRENGTH" is then compared with
the value in "STRENGTH THRESHOLD" register. If STRENGTH exceeds the STRENGTH
THRESHOLD, this is considered a valid TOUCH.
If required, a 2nd stage filtering feature controlled by FILTER_ PERIOD and
FILTER_THRESHOLD registers.
In data filtering stage, 3 modes of operation are supported:
AFS Mode 1: Only the TOUCH channel with highest STRENGTH is taken
AFS Mode 2: All TOUCH channels with STRENGTH > STRENGTH THRESHOLD is taken
AFS Mode 3: The 2 TOUCH channels with the highest STRENGTH are selected.
These modes are selected using the FEATURE SELECTOR register.
The final, filtered data is accessible through the TOUCH_BYTE register.
5.3.2
Noise filtering
When the STMPE1208S is operating in the vicinity of highly emissive circuits (DC-DC
Converter, PWM Controller/Drive etc), the sensor inputs will be affected by high-frequency
noise. In this situation, the 2-stage time-integrating function could be used to distinguish
between real touch, or emission-related false touch.
5.3.3
BEEP output
STMPE1208S is able to drive an external Piezo Buzzer directly with the built-in beep
generator. The BEEP output can be programmed to varies from 1.5 KHz to 400 KHz, with
period of 100 uS to 2.5 S.
Integration
unit
Integration period
Integration threshold
Filter period
Filter threshold
AFS mode
Touch byte
Filter
unit
AFS
unit
Touch/No-touch from
calibration unit
CS00044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com