Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1208S Datasheet(PDF) 43 Page - STMicroelectronics

Part # STMPE1208S
Description  Xpander Logic with 12-channel touchkey
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1208S Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STMPE1208S Datasheet HTML 39Page - STMicroelectronics STMPE1208S Datasheet HTML 40Page - STMicroelectronics STMPE1208S Datasheet HTML 41Page - STMicroelectronics STMPE1208S Datasheet HTML 42Page - STMicroelectronics STMPE1208S Datasheet HTML 43Page - STMicroelectronics STMPE1208S Datasheet HTML 44Page - STMicroelectronics STMPE1208S Datasheet HTML 45Page - STMicroelectronics STMPE1208S Datasheet HTML 46Page - STMicroelectronics STMPE1208S Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
STMPE1208S
Maximum rating
43/51
8
Maximum rating
Stressing the device above the rating listed in the “Absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only, and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
8.1
Recommended operating conditions
Table 9.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Min
Typ
Max
Vph
Power supply
2.5
5.5
V
V25
Power supply
2.25
2.75
V
VIN
Digital input
-0.3
VPH +0.3
V
TJ
Operating temperature
-40
85
° C
TS
Storage temperature
-55
95
° C
ESD
HBM on capacitive sensor pins
7
kV
Table 10.
Recommended operating conditions
Symbol
Parameter
Value
Unit
Min
Typ
Max
Vph
Power supply
3.0
5.5
V
V33
Power supply
2.25
2.5
2.75
V
TJ
Operating temperature
-40
25
85
° C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com