Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1208S Datasheet(PDF) 30 Page - STMicroelectronics

Part # STMPE1208S
Description  Xpander Logic with 12-channel touchkey
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1208S Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STMPE1208S Datasheet HTML 26Page - STMicroelectronics STMPE1208S Datasheet HTML 27Page - STMicroelectronics STMPE1208S Datasheet HTML 28Page - STMicroelectronics STMPE1208S Datasheet HTML 29Page - STMicroelectronics STMPE1208S Datasheet HTML 30Page - STMicroelectronics STMPE1208S Datasheet HTML 31Page - STMicroelectronics STMPE1208S Datasheet HTML 32Page - STMicroelectronics STMPE1208S Datasheet HTML 33Page - STMicroelectronics STMPE1208S Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
Register map and function description
STMPE1208S
30/51
INT_CLR
Interrupt clear register
Address:
0x27
Type:
Reset:
0x00
Description:
If the corresponding bit in the INT_PENDING register is set, system software must
write '1' to this register to clear the bits in INT_PENDING register.
BEEP_PERIOD
Beep period
Address:
0x28
Type:
R/W
Reset:
0x00
Description:
Beep period
7654
3
2
1
0
-
EOC
EINT
-
I2A
A2I
TOUCH
[7] RESERVED
[6] EOC:
End of calibration.
[5] EINT:
EINT interrupt sources (GPIO input) changes.
[4:3] RESERVED
[2] I2A:
SLEEP to active transition
[1] A2I:
Active to idle transition
[0] TOUCH:
Touch detect.
7654
3
2
1
0
BEEP_PERIOD [7:0]
[7:0] BEEP_PERIOD:
Period = Beep Period [7:0] * 8* System Clock Period
System Clock Period = 0.625
μs (1.6 MHz) to 5 μs (200 KHz)
Period of Beep (min) = 0.625
μs * 8* 1 = 5 μs
Period of Beep (max) = 5
μs * 8* 255 = 10 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com